Electronic Components Datasheet Search
  English  ▼

X  

OV7620 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 26Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 27Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 28Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 29Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 30Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 31Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 32Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 33Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
30
Preliminary Company Confidential
.
COMA7 - “1” initiates the chip soft reset, the reset takes place after the acknowledge bit is issued, the
effect is the same as power up the chip, the chip is initialized to a default state, all registers
including SCCB’s contents are set to default, this bit is self cleared after the reset.
COMA6 - “1” selects mirror image
COMA5 - “1” enables AGC. “0” - stop AGC and set register [00] to default value. Only effective in auto
adjust mode.
COMA4 - “1” select 8 Bit Digital output format is Y U Y V Y U Y V ...
COMA3 - “1” selects raw data signal as video data output, “0” selects YCrCb as video data output. The
selection applies to both analog video and digital video.
COMA2 - “1” enable auto white balance, “0” AWB stop and AWB register [01] and [02] value is held at last
updated value. Can used as one-shot AWB mode. Valid only in auto mode.
COMA1 - “1” selects Color Bar Test pattern output.
COMA0 - “1” select precise A/D Black Level Compensation (BLC) line method. “0” use standard black level
compensation to do A/D BLC field method which is more stable but less precise.
COMB7 - Reserved.
COMB6 - Reserved.
COMB5 - “1” selects 8 bit data format, Y/CrCb and RGB video data is multiplexed to the eight bit Y bus, tri-
state UV bus; “0” selects 16 bit format, data go to both Y<7:0> bus and UV<7:0> bus.
COMB4 - “0” enables digital output in CCIR601 format. “1” enables CCIR656 format.
COMB3 - “0” selects horizontal sync for output to pin CHSYNC, “1” selects composite sync for output.
COMB2 - “1” tri-states bus Y<7:0> and UV<7:0>, “0” enables both buses.
COMB1 - “1” initiates the single frame transfer, for this function to work, field drop mode (FD<1:0> in regis-
ter [16]) must set to “OFF”. See figure below. After this bit is set, for Interlaced mode, HREF is
only asserted for consecutive two fields beginning at Odd field. This bit is cleared automati-
cally at the end of this frame. For Progressive Scan mode, HREF is only asserted for one
frame. Clearing this bit in the middle of active frame has no effect to the assertion of current
HREF.
COMB0 - “1” enables auto adjust mode, in this mode, internal exposure circuitry overwrites those parame-
ters in registers [00]~[02], the chip adjusts the image based on a preset algorithm. “0” manual
adjust mode.
Register 12 - rw: Common control A
Bits
COMA7
COMA6
COMA5
COMA4
COMA3
COMA2
COMA1
COMA0
Default
0
0
1
0
0
1
0
0
Register 13 - rw: Common control B
Bits
COMB7
COMB6
COMB5
COMB4
COMB3
COMB2
COMB1
COMB0
Default
-
-
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com