Electronic Components Datasheet Search
  English  ▼

X  

OV7620 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 52Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 53Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 54Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 55Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 56Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 57Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 58Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 59Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 60Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
58
Preliminary Company Confidential
3. Different Method to get QVGA format Compare
Note: To get the frame rate, OV7620 must use 27 MHz crystal.
Table 3.4: Compare of QVGA Method
Method
Resolution
Frame Rate
Lens
A
320x240
60 frame/s
1/3”
B
320x240
30 frame/s
1/3”
C
322x240
30 frame/s
1/4”
D
354x288
30 frame/s
1/4”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com