Electronic Components Datasheet Search
  English  ▼

X  

OV7620 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 44Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 45Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 46Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 47Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 48Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 49Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 50Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 51Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
48
Preliminary Company Confidential
Register 73 - rw: Horizontal Sync 2nd Edge shifting
HSDY<7:0> - Lower 8 bit control for shifting horizontal sync CHSYNC second edge. Range is [000] - [3FF].
Every count equals 1 PCLK.
Register 74 - rw: Common Control M
COMM7 - Enable UV Smart AWB threshold control.
COMM<6:5> - AGC maximum gain selection: 00 - 2x; 01 - 4x; 10 - 2x; 11 - 8x
COMM<4:0> - Reserved.
Register 75 - rw: Common Control N
COMN7 - “1” enables Auto brightness range limit. Minimum will be [40]. Otherwise will be [00] ~ [FF].
COMN<6:3> - Reserved.
COMN2 - This bit further reduces the exposure time to 1/120 second or 1/100 second when the banding fil-
ter is enabled and the light is too strong.
COMN1- If enabled, manual write white balance value, then change to auto, the stable time will be less.
Speeds white balance stable time when switching from manual to AWB.
COMN0 - Enables addition of 2 pixel averaging.
Register 76 - rw: Common Control O
COMO7 - Output XCLK from FODD pin.
COMO6 - Reserved.
COMO5 - Software power down enable: 1 - enable; 0 - wake up
COMO4 - Reserved.
COMO3 - Limits the Minimum Exposure time to 4 lines rather 1 line with AEC enable
COMO2 - Tri-state sync and CLK output, except data line
COMO<1:0> - Reserved.
Bits
HEDY7
HEDY6
HEDY5
HEDY4
HEDY3
HEDY2
HEDY1
HEDY0
Default
0
1
0
1
0
1
0
0
Bits
COMM7
COMM6
COMM5
COMM4
COMM3
COMM2
COMM1
COMM0
Default
0
0
1
0
0
0
0
0
Bits
COMN7
COMN6
COMN5
COMN4
COMN3
COMN2
COMN1
COMN0
Default
1
0
0
0
0
0
1
0
Bits
COMO7
COMO6
COMO5
COMO4
COMO3
COMO2
COMO1
COMO0
Default
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com