Electronic Components Datasheet Search
  English  ▼

X  

OV7620 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
15
Preliminary Company Confidential
FIG 1.3 Pixel Data Bus (RGB Output)
Note: Tclk is pixel clock period. When OV7620 system clock is 27MHz, Tclk=74ns for 16 Bit out-
put; Tclk=37ns for 8 Bit output. Tsu is HREF set-up time, maximum is 15 ns; Thd is HREF hold
time, maximum is 15 ns.
UV<7:0>
PCLK
HREF
Y<7:0>
10
10
G
R
10
10
B
G
repeat for all data bytes
Pixel Data 16 bit Timing
Y<7:0>
PCLK
HREF
10
10
B
B
repeat for all data bytes
Pixel Data 8 bit Timing
10
G
G
10
PCLK rising edge latch data bus
PCLK rising edge latch data bus
Tclk
Tclk
Thd
Thd
Tsu
Tsu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com