Electronic Components Datasheet Search
  English  ▼

X  

OV7620 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 47Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 48Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 49Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 50Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 51Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 52Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 53Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 54Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
51
Preliminary Company Confidential
ELECTRICAL SPECIFICATION
Table 3.1: DC CHARACTERISTICS (0oC < TA < 85oC, Voltages referenced to GND)
Symbol
Descriptions
Min
Max
Typ
Units
Supply
VDD1
Supply voltage- internal analog
DEVDD,ADVDD,AVDD,SVDD,AOVDD,DVDD
4.75
5.25
5.0
V
VDD2
Supply voltage - internal digital &output digital
(DOVDD)
4.5
3.0
5.5
3.6
5.0
3.3
V
V
IDD1
Supply Current (@ 60Hz frame rate & 5 volt
digital I/O,25pf + 1TTL load on 16 bit data bus)
-
40
-
mA
IDD2
Standby supply current
-
10
5
uA
Digital Inputs
VIL
input voltage LOW
-
0.8
-
V
VIH
input voltage HIGH
2.0
-
-
V
Cin
input capacitor
-
10
-
pF
Digital Outputs - standard load 25pf, 1.2k
Ω to 3.0volts
VOH
output voltage HIGH
2.4
-
-
V
VOL
output voltage LOW
-
0.6
-
V
SCCB Inputs -
VIL
SIO-0 and SIO-1 (VDD2=5V)
-0.5
1.5
0
V
VIH
SIO-0 and SIO-1(VDD2=5V)
3.0
Vdd + .5
5
V
VIL
SIO-0 and SIO-1 (VDD2=3V)
-0.5
1
0
V
VIH
SIO-0 and SIO-1(VDD2=3V)
2.5
3.5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com