Electronic Components Datasheet Search
  English  ▼

X  

AMS4123 Datasheet(PDF) 7 Page - Advanced Monolithic Systems

Part # AMS4123
Description  Dual Threshold Enable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4123 Datasheet(HTML) 7 Page - Advanced Monolithic Systems

Back Button AMS4123 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 6Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 7Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 8Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 9Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 10Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 11Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AMS4123
3A 20V Step-Down Converter + 1A LDO
3/5/2010
www.advanced-monolithic.com
Phone (925) 443-0722
7
Fax (925) 443-0723
Typical Characteristics
20 µsec/div
Step-Down Converter Load Transient
200mA to 1.2A, Vsw out = 2.5V,Vin=12V
ISW out
500mA
/div
VSW out
100mVac
/div
40 µsec/div
Step-Down Converter Load Transient
200mA to 2A, Vsw out = 2.5V, Vin=12V
ISW out
500mA
/div
VSW out
100mVac
/div
2 µsec/div
LDO 200mA to 800mA Transient Response,
VLDO in=3.3V, Co=2.2µF, VLDO out = 1.8V, Vin=12V
ILDO out
500mA
/div
VLDO out
100mVac
/div
20 µsec/div
LDO Transient Response
No Load to 1A, VLDO in=Vsw out =2.5V,
ILDO out
1A/div
VLDO out
100mVac
/div
VSW out
200mVac/
div
ISW out
1A/div
VSW out
100mVac
/div
2 msec/div
Step-Down Converter Load Transient
No Load to 2A,VSW out=2.5V, Vin=12V
1 µsec/div
VSW out
20mVac
/div
IL
1A/div
VSW
5V/div
Step-Down Converter Output Ripple
VSW out =2.5V, ISW out=1.8A, Vin=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com