Electronic Components Datasheet Search
  English  ▼

X  

AMS4123 Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS4123
Description  Dual Threshold Enable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4123 Datasheet(HTML) 6 Page - Advanced Monolithic Systems

Back Button AMS4123 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 6Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 7Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 8Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 9Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 10Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AMS4123
3A 20V Step-Down Converter + 1A LDO
3/5/2010
www.advanced-monolithic.com
Phone (925) 443-0722
6
Fax (925) 443-0723
Typical Characteristics
0.0
0.8
1.6
2.4
3.2
0
5
10
15
20
25
Input Voltage (V)
No Load Input Current vs. Input Voltage
Vsw out = 2.5V, VLDO out = 1.8V
292
296
300
304
308
0
5
10
15
20
25
Input Voltage (V)
Switching Frequency vs. Input Voltage
Vsw out = 2.5V, VLDO out = 1.8V
0
0.5
1
1.5
2
0
0.2
0.4
0.6
0.8
1
Output Current (A)
VLDO Out Load Regulation
VSW out = VLDO in =2.5V, VLDO Out=1.8V
Vin=20V
Vin=15V
Vin=12V
-0.50
-0.25
0.00
0.25
0.50
0
5
10
15
20
25
Input Voltage Vin (V)
Output Voltage Error vs. Input Voltage
VSW out = VLDO in = 2.5V, VLDO out =1.8V
V LDO out
Vsw out
ILDO=0.6A
Isw=1.6A
0
0.1
0.2
0.3
0.4
0
0.2
0.4
0.6
0.8
1
LDO Output Current (V)
LDO Dropout Voltage vs. Load Current
VLDO in = VLDO out -0.1V
VLDO out programmed for 1.8V
Vin = 12V
0.57
0.58
0.59
0.60
0.61
-50
-10
30
70
110
150
Ambient Temperature (ºC)
Feedback Voltage Temperature
Variation
FBLDO
FBSW
ILDO=Isw=0
VLDO out=1.8V, VSW out=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com