Electronic Components Datasheet Search
  English  ▼

X  

AMS4123 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS4123
Description  Dual Threshold Enable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4123 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS4123 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 6Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 7Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 8Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AMS4123
3A 20V Step-Down Converter + 1A LDO
3/5/2010
www.advanced-monolithic.com
Phone (925) 443-0722
1
Fax (925) 443-0723
General Description
The AMS4123 combines a 3A Step-Down converter
with a 1A LDO in a single SO-8 exposed paddle
package. Both the LDO and Step-Down converter
are low ESR, ceramic capacitor output, stable. The
Step-Down converter is internally compensated with
internal soft-start to minimize the number of external
components. An Enable pin provides built-in
externally programmable power-up sequencing. The
Step-Down converter enable threshold is 2.0V and
the LDO enable threshold is 2.5V. It also has hiccup
current limit and thermal protection. Thermal
protection shuts down both the Step-Down converter
and LDO when the die temperature exceeds 135°C.
Both regulators are adjustable using a 0.6V
reference for low output voltage settings. The LDO
has options for fixed output voltages from 0.6V to 5V
in 100mV steps. The LDO external input can be
powered from the Step-Down converter output, for
improved efficiency, or from any voltage source that
is less than or equal to the device supply voltage
(Vin). With a dropout voltage of less than 350mV at
1A, the AMS4123 LDO makes the perfect solution
for a low noise 1.8V power source developed from
2.5V Step-Down converter output. The AMS4123 is
a complete solution for LCD TV power requirements
when combined with the AMS4122 (2A Dual
Switching Regulator in SO-8).
Features
•
Step-Down Converter + LDO in SO-8EP
•
Internally Compensated
•
Up to 95% Efficiency
•
Low ESR Ceramic Output Capacitor Stable
•
Soft Start
•
Under-Voltage Lockout
•
Dual Threshold Enable
•
300 kHz Switching Frequency
•
Hiccup Current Limit
•
Over-Temperature Shutdown
•
Ultra-Low Dropout LDO 350mV @ 1A
•
Up to 3A Step-Down Output Current
•
Up to 1A LDO Output Current
•
Excellent Light Load Efficiency
Applications
•
Audio Power Amplifiers
•
Portable (Notebook) Computers
•
Point of Regulation for High Performance
Electronics
•
Consumer Electronics
•
DVD, Blue-ray DVD writers
•
LCD TVs and LCD monitors
•
Distributed Power Systems
•
Battery Chargers
•
Pre-Regulator for Linear Regulation
Typical Application
L1
10uH
C5
220nF
R2
10.0k
R4
31.6k
R3
10.0k
D1
B340LB
R1
20.0k
C3
2.2uF
C1
10uF
C8
4.7nF
C2
22uF
C9
100uF
R1 and R4 Voltage Options
3.3V 45.3k
2.5V 31.6k
5.0V 73.2k
1.8V 20.0k
2.5V at 2A
1.8V at 1A
Enable
Vin 4.5V to 20V
LDOout
8
EN
4
Vin
3
BST
2
SW
1
FB LDO
6
LDOin
7
FB SW
5
U1
AMS4123
2.5V
SW out


Similar Part No. - AMS4123

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4123 AMS-AMS4123 Datasheet
590Kb / 18P
3A 20V Step-Down Converter plus 1A LDO
More results

Similar Description - AMS4123

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
Threshold Detector
TMJ9903 SPECTRUM-TMJ9903 Datasheet
84Kb / 1P
THRESHOLD
logo
Texas Instruments
TPS62125 TI1-TPS62125 Datasheet
7Mb / 37P
3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
logo
Microchip Technology
MCP14A0153 MICROCHIP-MCP14A0153 Datasheet
781Kb / 30P
1.5A Dual MOSFET Driver with Low Threshold Input And Enable
07/14/15
MCP14A0153 MICROCHIP-MCP14A0153_15 Datasheet
776Kb / 30P
1.5A Dual MOSFET Driver with Low Threshold Input And Enable
07/14/15
MCP14A0151 MICROCHIP-MCP14A0151 Datasheet
560Kb / 24P
1.5A MOSFET Driver with Low Threshold Input And Enable
03/25/14
MCP14A0051 MICROCHIP-MCP14A0051 Datasheet
540Kb / 24P
0.5A MOSFET Driver With Low Threshold Input And Enable
03/25/14
logo
Advanced Linear Devices
ALD110800 ALD-ALD110800_17 Datasheet
104Kb / 12P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD
logo
Microchip Technology
MCP14A0051 MICROCHIP-MCP14A0051_V01 Datasheet
671Kb / 24P
0.5A MOSFET Driver with Low Threshold Input and Enable
Revision B (May 2022)
MCP14A0303 MICROCHIP-MCP14A0303 Datasheet
877Kb / 34P
3A Dual MOSFET Driver with Low Threshold Input and Enable
Revision A June 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com