Electronic Components Datasheet Search
  English  ▼

X  

AMS4123 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS4123
Description  Dual Threshold Enable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4123 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS4123 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 6Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 7Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 8Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AMS4123
3A 20V Step-Down Converter + 1A LDO
3/5/2010
www.advanced-monolithic.com
Phone (925) 443-0722
4
Fax (925) 443-0723
Notes:
1.
Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device.
2.
Operation outside of the recommended operating conditions is not guaranteed.
3.
Measured on approximately 1” square of 1 oz. copper.
4.
The total power dissipation for SO-8 EDP package is recommended to 2.5W rated at 25⁰C ambient temperature. The thermal resistance Junction to Case
is 45⁰C/W. Total power dissipation for the switching regulator and the LDO should be taken in consideration when calculating the output current capability
of each regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com