Electronic Components Datasheet Search
  English  ▼

X  

AMS4123 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS4123
Description  Dual Threshold Enable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4123 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS4123 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 6Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 7Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 8Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AMS4123
3A 20V Step-Down Converter + 1A LDO
3/5/2010
www.advanced-monolithic.com
Phone (925) 443-0722
3
Fax (925) 443-0723
Absolute Maximum Ratings
(1)
VIN Supply Voltage………………...………..….-0.3V to 23V
LDOIN Supply Voltage…………………..……...-0.3V to 20V
LDOOUT Output Voltage………………….….....-0.3V to 20V
BST Boot Strap Voltage………………....…. -0.3V to 27V
FBLDO,FBSW feedback pins………....……-0.3V to +12V
EN Enable Voltage………………………..….-0.3V to +20V
Storage Temperature Range……………...-65⁰C to 150⁰C
Lead Temperature…………………..……….….…… 260⁰C
Junction Temperature………...………………..…… 150⁰C
Recommended Operating Conditions
(2)
Input Voltage………………………………….………..4.5V to 20V
Ambient Operating Temperature…… …………….-40⁰C to 85⁰C
Thermal Information
8L SOIC EP θJA
(3) …………………………………….…...45⁰C/W
θJC
...........................................................10⁰C/W
Maximum Power Dissipation…………………………...….…….2W
Electrical Characteristics
TA= 25 °C and VIN=12V (unless otherwise noted).
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Vin
Vin
4.5
12
20
V
LDO Feedback Voltage
VFBLDO
ILDO=0A
tbd
0.586
tbd
V
Switcher Feedback Voltage
VFBSW
Isw=0A
tbd
0.596
tbd
V
LDO Output Voltage tolerance
VLDO Out
VLDO out=0.6V to 5V in
100mV increments
-1.5
1
1.5
%
Step-Down Converter Bias
Current
IQSW
VLDOin =VEN =5V
VFBSW= 1.5V
1.4
1.9
mA
LDO+SW Bias Current
IQSW+LDO
VLDOin =VEN =5V
VFBLDO =VFBSW= 1.5V
1.3
2.0
mA
LDO Bias Current
IQLDO
VEN= 5V; VFBLDO = 1.5V
400
μA
Shutdown Supply Current
IVinsd
VEN =0V
90
nA
SW NPN Saturation Voltage
VSAT
ISW out=1A
0.66
V
Converter Current Limit
ILIMSW
VSW out=5V
4.2
A
LDO Current Limit
ILIMLDO
VLDO in=5V; Co=2.2μF
1.1
A
LDO Dropout Voltage
VDO
VLDOin=VLDOout-0.1V, Io=1A
350
mV
LDO Load Regulation
ΔVLDO Out /
VLDO Out
ILDO = 0 to1A
0.5
%
LDO Line Regulation
ΔVLDO Out /
VLDO Out
VLDOin = VLDOout+0.5V to 20V,
Vin=20V
0.1
%
Oscillator Frequency
FOSC
260
300
340
kHz
Maximum Duty Cycle
DMAX
VFB=0V
95
99
%
Minimum Duty Cycle
DMIN
VFB=1.5V
0
%
Converter Enable Threshold
VEN SW
2.0
2.1
V
Enable Hysteresis
VENHYS
100
mV
LDO Enable Threshold
VEN LDO
2.5
2.55
V
Enable Pull-up Current
IEN
VEN = 0V
0.7
μA
Under Voltage Lockout
VUVLO
Vin rising
4.2
V
Under Voltage Lockout
Hysteresis
VUVLO HYS
200
mV
Total Power dissipation
PD
Note (4)
2.5
W
Thermal Shutdown
TSD
145
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com