Electronic Components Datasheet Search
  English  ▼

X  

AMS4123 Datasheet(PDF) 13 Page - Advanced Monolithic Systems

Part # AMS4123
Description  Dual Threshold Enable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4123 Datasheet(HTML) 13 Page - Advanced Monolithic Systems

Back Button AMS4123 Datasheet HTML 9Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 10Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 11Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 12Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 13Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 14Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 15Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 16Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 17Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AMS4123
3A 20V Step-Down Converter + 1A LDO
3/5/2010
www.advanced-monolithic.com
Phone (925) 443-0722
13
Fax (925) 443-0723
Typical bootstrap capacitor values are in the 220nF to
470nF range. Insufficient values will not be able to
provide sufficient base drive current to the power
switch during the on time. Values less than 220nF are
not recommended. This will result in excessive losses
and reduced efficiency.
Optional Snubber
To reduce high frequency ringing at the switching
node a snubber network is suggested. The values
typically selected are 470pF ceramic in series with a
10Ω resistor. The power dissipation of the 10Ω
resistor is about 32mW for a 15V input with a 300kHz
switching frequency.
PR1=C3·Vin
2·Fsw
Vin is the maximum input voltage and Fsw is the
switching frequency. The snubber capacitor must be
rated to withstand the input voltage.
Step-Down Converter Input Capacitor
The low esr ceramic capacitor required at the input to
filter out high frequency noise as well as switching
frequency ripple. Placement of the capacitor is critical
for good high frequency noise rejection. See the PCB
layout guidelines section for details. Switching
frequency ripple is also filtered by the ceramic bypass
input capacitor. Given a desired input voltage ripple
(Vripple) limit, the required input capacitor can be
estimated with:
Dmax=
Vo+Vfwd
Vinmin-V
o+Vfwd
C=
Dmax·Io·(1-Dmax)
Fs·Vripple
=
2.5V +0.2V
9V-0.3V+0.2V ·2A· 1-
2.5V 0.2V
9V-0.3V+0.2V
300kHz·0.2V
=7μF
.
For high voltage input converters the duty cycle is
always less than 50% so the maximum ripple is at the
minimum input voltage. The ripple will increase as the
duty cycle approaches 50% where it is a maximum.
Step-Down Converter Feedforward Capacitor
For
optimum
start-up
and
improved
transient
response place a feed-forward capacitor (C6) across
the feedback resistor R2. Typical values range from
220pF to 10nF.
Linear Regulator Output Capacitor
The Linear regulator is stable with a wide range of
ceramic capacitors. The ceramic output capacitor can
range from 1uF to 100uF with either X5R or X7R
temperature coefficient. The actual values selected
within the range will depend on the expected load
transients
and
the
output
voltage
tolerance
requirements during the load transient.
Linear Regulator Input Capacitor
Place a 2.2uF X5R or X7R or equivalent ceramic
bypass capacitor at the LDO input.
Feedback Resistor Selection
The step down converter and LDO both use a 0.6V
reference voltage at the positive terminal of the error
amplifier. To set the output voltage a programming
resistor form the feedback node to ground must first
be selected (R2,R3 of figure 4). A 10kΩ resistor is a
good selection for a programming resistor. A higher
value could result in an excessively sensitive
feedback node while a lower value will draw more
current and degrade the light load efficiency. The
equation for selecting the voltage specific resistor is:
R4=
Vout
Vref
-1
·R3 =
2.5V
0.6V
-1V
·10kΩ=31.67kΩ
Table 2. Feedback Resistor values
Vout (V)
R1,R4 (kΩ)
(R2,R3=10kΩ)
1.8
20.0
2.5
31.6
3.3
45.3
5.0
73.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com