Electronic Components Datasheet Search
  English  ▼

X  

AMS4123 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS4123
Description  Dual Threshold Enable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4123 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS4123 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 6Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 7Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 8Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AMS4123
3A 20V Step-Down Converter + 1A LDO
3/5/2010
www.advanced-monolithic.com
Phone (925) 443-0722
2
Fax (925) 443-0723
Pin Description
Pin #
Symbol
Description
1
SW
Step-Down converter switching node that connects the internal power switch to the
output inductor.
2
BST
The bootstrap capacitor tied to this pin is used as the bias source for the drive to the
internal power switch. Use a 220nF or greater capacitor from the BST to the SW
pin.
3
Vin
Input Power. Supplies bias to the IC and is also the power input to the step-down
converter main power switch. Bypass Vin with low impedance ceramic with
sufficient capacitance to minimize switching frequency ripple as well as high
frequency noise.
4
EN
Enable. A voltage greater than 2V at this pin enables the switching regulator. 2.5V
enables the LDO section.
5
FB SW
Step-Down Converter Feedback input. A resistor network of two resistors is used to
set-up the output voltage connected between VSW out and GND. The node between
the two resistors is connected to Feedback Switch pin.
6
FB LDO
LDO Feedback input. A resistive voltage divider is used to set the output voltage
connected between the LDO output and GND. The node between the two resistors
is connected to FB LDO pin.
7
LDO in
LDO Input. Connect to the output of the Step-Down converter. LDO IN can also be
powered from any power supply as long as it is 2V less than Vin.
8
LDO out
LDO Output pin.
9
GND (PADDLE)
Ground paddle to be connected to PCB ground plane. This is also the ground for
internal voltage reference.
Pin Configuration
8L SOIC
SO Package (S)
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com