Electronic Components Datasheet Search
  English  ▼

X  

AMS4123 Datasheet(PDF) 14 Page - Advanced Monolithic Systems

Part # AMS4123
Description  Dual Threshold Enable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4123 Datasheet(HTML) 14 Page - Advanced Monolithic Systems

Back Button AMS4123 Datasheet HTML 10Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 11Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 12Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 13Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 14Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 15Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 16Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 17Page - Advanced Monolithic Systems AMS4123 Datasheet HTML 18Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AMS4123
3A 20V Step-Down Converter + 1A LDO
3/5/2010
www.advanced-monolithic.com
Phone (925) 443-0722
14
Fax (925) 443-0723
PCB Layout
The following guidelines should be followed to insure
proper layout.
1. Vin Capacitor. A low ESR ceramic bypass
capacitor must be placed as close to the IC as
possible.
2. Schottky Diode. During the off portion of the
switching cycle the inductor current flows through
the Schottky diode to the output cap and returns
to the inductor through the output capacitor. The
trace that connects the output diode to the output
capacitor sees a current signal with a very high
di/dt. To minimize the associated spiking and
ringing, the inductance and resistance of this
trace should be minimized by connecting the
diode anode to the output capacitor return with a
short wide trace.
3. Feedback Resistors. The feedback resistors
should be placed as close as possible the IC.
Minimize the length of the trace from the feedback
pin to the resistors. This is a high impedance
node susceptible to interference from external RF
noise sources.
4. Inductor. Minimize the length of the SW node
trace. This minimizes the radiated EMI associated
with the SW node.
5. Ground. The most quiet ground or return potential
available is the output capacitor return. The
inductor
current
flows
through
the
output
capacitor during both the on time and off time,
hence it never sees a high di/dt. The only di/dt
seen by the output capacitor is the inductor ripple
current which is much less than the di/dt of an
edge to a square wave current pulse. This is the
best place to make a solid connection to the IC
ground and input capacitor. This node is used as
the star ground shown in Figure 1. This method of
grounding helps to reduce high di/dt traces, and
the detrimental effect associated with them, in a
step-down converter. The inductance of these
traces should always be minimized by using wide
traces, ground planes, and proper component
placement.
6. For good thermal performance vias are required
to couple the exposed tab of the SO-8 package to
the PCB ground plane. The via diameter should
be 0.3mm to 0.33mm positioned on a 1.2mm grid.
Figure 1. Step Down Converter Layout
Ion
Ioff
Ion+ Ioff
Ion
Ioff
Ion+Ioff
High
di/dt
PCB Inductance
Ion
Ioff
High di/dt trace reduction
“Star Ground”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com