Electronic Components Datasheet Search
  English  ▼

X  

WM8281 Datasheet(PDF) 52 Page - Cirrus Logic

Part # WM8281
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button WM8281 Datasheet HTML 48Page - Cirrus Logic WM8281 Datasheet HTML 49Page - Cirrus Logic WM8281 Datasheet HTML 50Page - Cirrus Logic WM8281 Datasheet HTML 51Page - Cirrus Logic WM8281 Datasheet HTML 52Page - Cirrus Logic WM8281 Datasheet HTML 53Page - Cirrus Logic WM8281 Datasheet HTML 54Page - Cirrus Logic WM8281 Datasheet HTML 55Page - Cirrus Logic WM8281 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 392 page
background image
WM8281
52
Rev 4.0
The input signal paths are configured using the register bits described in Table 3.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R780
(030Ch)
HPF
Control
2:0
IN_HPF_CUT
[2:0]
010
Input Path HPF Select
Controls the cut-off frequency of the input
path HPF circuits.
000 = 2.5Hz
001 = 5Hz
010 = 10Hz
011 = 20Hz
100 = 40Hz
All other codes are Reserved
R784
(0310h)
IN1L
Control
15
IN1L_HPF
0
Input Path 1 (Left) HPF Enable
0 = Disabled
1 = Enabled
14:13
IN1_OSR [1:0]
01
Input Path 1 DMIC Oversample Rate
When digital microphone input is selected
(IN1_MODE=10), this field controls the
sample rate as below:
00 = 1.536MHz
01 = 3.072MHz
10 = 6.144MHz
11 = 768kHz
When IN1_OSR=11, the Input Path
sample rate (for all input paths) must be in
the range 8kHz to 16kHz.
If Input Path 1 DMIC is selected as a
source for the Rx ANC function, the
DMICCLK1 frequency will be set to
3.072MHz.
12:11
IN1_DMIC_SUP
[1:0]
00
Input Path 1 DMIC Reference Select
(Sets the DMICDAT1 and DMICCLK1
logic levels)
00 = MICVDD
01 = MICBIAS1
10 = MICBIAS2
11 = MICBIAS3
10:9
IN1_MODE [1:0]
00
Input Path 1 Mode
00 = Differential (IN1xP - IN1xN)
01 = Single-ended (IN1xP)
10 = Digital Microphone
11 = Reserved
7:1
IN1L_PGA_VOL
[6:0]
40h
Input Path 1 (Left) PGA Volume
(Applicable to analogue inputs only)
00h to 3Fh = Reserved
40h = 0dB
41h = 1dB
42h = 2dB
… (1dB steps)
5F = 31dB
60h to 7Fh = Reserved
R786
(0312h)
DMIC1L
Control
5:0
IN1L_DMIC_DLY
[5:0]
00h
Input Path 1 (Left) Digital Delay
(Applicable to digital input only)
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN1_OSR.)
R788
(0314h)
IN1R
15
IN1R_HPF
0
Input Path 1 (Right) HPF Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com