Electronic Components Datasheet Search
  English  ▼

X  

WM8281 Datasheet(PDF) 8 Page - Cirrus Logic

Part # WM8281
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button WM8281 Datasheet HTML 4Page - Cirrus Logic WM8281 Datasheet HTML 5Page - Cirrus Logic WM8281 Datasheet HTML 6Page - Cirrus Logic WM8281 Datasheet HTML 7Page - Cirrus Logic WM8281 Datasheet HTML 8Page - Cirrus Logic WM8281 Datasheet HTML 9Page - Cirrus Logic WM8281 Datasheet HTML 10Page - Cirrus Logic WM8281 Datasheet HTML 11Page - Cirrus Logic WM8281 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 392 page
background image
WM8281
8
Rev 4.0
ORDERING INFORMATION
ORDER CODE
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8281ECS/R
-40
C to +85C
W-CSP
(Pb-free, Tape and reel)
MSL1
260
C
Note:
Reel quantity = 7000
PIN DESCRIPTION
A description of each pin on the WM8281 is provided below.
Note that a table detailing the associated power domain for every input and output pin is provided on the following page.
Note that, where multiple pins share a common name, these pins should be tied together on the PCB.
All Digital Output pins are CMOS outputs, unless otherwise stated.
PIN NO
NAME
TYPE
DESCRIPTION
E2
AGND1
Supply
Analogue ground (Return path for AVDD1)
D13
AGND2
Supply
Analogue ground (Return path for AVDD2)
J13
AIF1BCLK
Digital Input / Output
Audio interface 1 bit clock
H13
AIF1RXDAT
Digital Input
Audio interface 1 RX digital audio data
H12
AIF1LRCLK
Digital Input / Output
Audio interface 1 left / right clock
J11
AIF1TXDAT
Digital Output
Audio interface 1 TX digital audio data
K9
AIF2BCLK
Digital Input / Output
Audio interface 2 bit clock
J8
AIF2RXDAT
Digital Input
Audio interface 2 RX digital audio data
J9
AIF2LRCLK
Digital Input / Output
Audio interface 2 left / right clock
K8
AIF2TXDAT
Digital Output
Audio interface 2 TX digital audio data
K7
AIF3BCLK
Digital Input / Output
Audio interface 3 bit clock
H4
AIF3RXDAT
Digital Input
Audio interface 3 RXdigital audio data
J7
AIF3LRCLK
Digital Input / Output
Audio interface 3 left / right clock
H5
AIF3TXDAT
Digital Output
Audio interface 3 TX digital audio data
E1
AVDD1
Supply
Analogue supply
C14
AVDD2
Supply
Analogue supply
F12
CIF1ADDR/
CIF1SS
¯¯¯¯¯¯
Digital Input
Control interface 1 (I2C) address select /
Control interface 1 (SPI) Slave Select (SS)
J12
CIF1MISO/
GPIO4
Digital Input / Output
Control interface 1 Master In Slave Out data /
General Purpose pin GPIO4.
The CIFMISO configuration is selectable CMOS or ‘Wired OR’.
The GPIO4 output is selectable CMOS or Open Drain.
F11
CIF1MODE
Digital Input
Control interface 1 mode select input
G13
CIF1SCLK
Digital Input
Control interface 1 clock input
G12
CIF1SDA/
CIF1MOSI
Digital Input / Output
Control interface 1 (I2C) data input and output /
Control interface 1 (SPI) Master Out Slave In data.
The output functions are implemented as an Open Drain circuit.
L12
CIF2SCLK
Digital Input
Control interface 2 clock input
K10
CIF2SDA
Digital Input / Output
Control interface 2 data input and output / acknowledge output.
The output function is implemented as an Open Drain circuit.
C5
CP1C1A
Analogue Output
Charge pump 1 fly-back capacitor 1 pin
C6
CP1C1B
Analogue Output
Charge pump 1 fly-back capacitor 1 pin
B6
CP1C2A
Analogue Output
Charge pump 1 fly-back capacitor 2 pin
A6
CP1C2B
Analogue Output
Charge pump 1 fly-back capacitor 2 pin
C7
CP1VOUT1N
Analogue Output
Charge pump 1 negative output 1 decoupling pin
B8
CP1VOUT1P
Analogue Output
Charge pump 1 positive output 1 decoupling pin
A7
CP1VOUT2N
Analogue Output
Charge pump 1 negative output 2 decoupling pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com