Electronic Components Datasheet Search
  English  ▼

X  

WM8281 Datasheet(PDF) 44 Page - Cirrus Logic

Part # WM8281
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button WM8281 Datasheet HTML 40Page - Cirrus Logic WM8281 Datasheet HTML 41Page - Cirrus Logic WM8281 Datasheet HTML 42Page - Cirrus Logic WM8281 Datasheet HTML 43Page - Cirrus Logic WM8281 Datasheet HTML 44Page - Cirrus Logic WM8281 Datasheet HTML 45Page - Cirrus Logic WM8281 Datasheet HTML 46Page - Cirrus Logic WM8281 Datasheet HTML 47Page - Cirrus Logic WM8281 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 392 page
background image
WM8281
44
Rev 4.0
The WM8281 is cost-optimised for a wide range of mobile phone applications, and features two
channels of Class D power amplification. For applications requiring more than two channels of power
amplification, the PDM output channels can be used to drive up to four external PDM-input speaker
drivers. In applications where stereo loudspeakers are physically widely separated, the PDM outputs
can ease layout and EMC by avoiding the need to run the Class-D speaker outputs over long
distances and interconnects.
DIGITAL AUDIO CORE
The WM8281 uses a core architecture based on all-digital signal routing, making digital audio effects
available on all signal paths, regardless of whether the source data input is analogue or digital. The
digital mixing desk allows different audio effects to be applied simultaneously on many independent
paths, whilst also supporting a variety of sample rates concurrently. This helps support many new
audio use-cases. Soft mute and un-mute control allows smooth transitions between use-cases without
interrupting existing audio streams elsewhere.
The Cirrus Logic Ambient Noise Cancellation (ANC) processor within the WM8281 provides the
capability to improve the intelligibility of a voice call by using destructive interference to reduce the
acoustic energy of the ambient sound. The stereo ANC capability supports a wide variety of
headset/handset applications.
The Cirrus Logic ANC technology supports receive (RX) path noise cancellation. Transmit (TX) path
noise reduction, and multi-mic Acoustic Echo Cancellation (AEC) algorithms are also supported. The
WM8281 is ideal for mobile telephony, providing enhanced voice communication quality for near-end
and far-end handset users.
The WM8281 digital core provides an extensive capability for programmable signal processing
algorithms. The DSP can support functions such as wind noise, side-tone and other programmable
filters. A wide range of application-specific filters and audio enhancements can also be implemented,
including Dynamic Range Control (DRC), Multi-band Compression (MBC), and Virtual Surround
Sound (VSS). These digital effects can be used to improve audibility and stereo imaging while
minimising supply current.
Highly flexible digital mixing, including mixing between audio interfaces, is possible. The WM8281
performs multi-channel full-duplex asynchronous sample rate conversion, providing use-case flexibility
across a broad range of system architectures. Automatic sample rate detection is provided, enabling
seamless wideband/narrowband voice call handover.
Dynamic Range Controller (DRC) functions are available for optimising audio signal levels. In
playback modes, the DRC can be used to maximise loudness, while limiting the signal level to avoid
distortion, clipping or battery droop, in particular for high-power output drivers such as speaker
amplifiers. In record modes, the DRC assists in applications where the signal level is unpredictable.
The 5-band parametric equaliser (EQ) functions can be used to compensate for the frequency
characteristics of the output transducers. EQ functions can be cascaded to provide additional
frequency control. Programmable high-pass and low-pass filters are also available for general filtering
applications such as removal of wind and other low-frequency noise.
DIGITAL INTERFACES
Three serial digital audio interfaces (AIFs) each support PCM, TDM and I2S data formats for
compatibility with most industry-standard chipsets. AIF1 supports eight input/output channels; AIF2
supports six input/output channels; AIF3 supports two input/output channels. Bidirectional operation at
sample rates up to 192kHz is supported.
Eight digital PDM input channels are available (four stereo interfaces); these are typically used for
digital microphones, powered from the integrated MICBIAS power supply regulators. Four PDM output
channels are also available (two stereo interfaces); these are typically used for external power
amplifiers. Embedded mute codes provide a control mechanism for external PDM-input devices.
The WM8281 features a MIPI-compliant SLIMbus interface, providing eight channels of audio
input/output. Mixed audio sample rates are supported on the SLIMbus interface. The SLIMbus
interface also supports read/write access to the WM8281 control registers.
The WM8281 is equipped with an I2C/SPI control interface and an I2C-only control interface. The I2C
slave port operates up to 3.4MHz; the SPI ports operate up to 26MHz. Full access to the register map
is also provided via the SLIMbus port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com