Electronic Components Datasheet Search
  English  ▼

X  

WM8281 Datasheet(PDF) 95 Page - Cirrus Logic

Part # WM8281
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281 Datasheet(HTML) 95 Page - Cirrus Logic

Back Button WM8281 Datasheet HTML 91Page - Cirrus Logic WM8281 Datasheet HTML 92Page - Cirrus Logic WM8281 Datasheet HTML 93Page - Cirrus Logic WM8281 Datasheet HTML 94Page - Cirrus Logic WM8281 Datasheet HTML 95Page - Cirrus Logic WM8281 Datasheet HTML 96Page - Cirrus Logic WM8281 Datasheet HTML 97Page - Cirrus Logic WM8281 Datasheet HTML 98Page - Cirrus Logic WM8281 Datasheet HTML 99Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 392 page
background image
WM8281
Rev 4.0
95
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32
(0020h)
Tone
Generator
1
9:8
TONE_OFFSET
[1:0]
00
Tone Generator Phase Offset
Sets the phase of Tone Generator 2
relative to Tone Generator 1
00 = 0 degrees (in phase)
01 = 90 degrees ahead
10 = 180 degrees ahead
11 = 270 degrees ahead
5
TONE2_OVD
0
Tone Generator 2 Override
0 = Disabled (1kHz tone output)
1 = Enabled (DC signal output)
The DC signal level, when selected, is
configured using TONE2_LVL[23:0]
4
TONE1_OVD
0
Tone Generator 1 Override
0 = Disabled (1kHz tone output)
1 = Enabled (DC signal output)
The DC signal level, when selected, is
configured using TONE1_LVL[23:0]
1
TONE2_ENA
0
Tone Generator 2 Enable
0 = Disabled
1 = Enabled
0
TONE1_ENA
0
Tone Generator 1 Enable
0 = Disabled
1 = Enabled
R33
(0021h)
Tone
Generator
2
15:0
TONE1_LVL
[23:8]
1000h
Tone Generator 1 DC output level
TONE1_LVL [23:8] is coded as 2’s
complement. Bits [23:20] contain the
integer portion; bits [19:0] contain the
fractional portion.
The digital core 0dBFS level corresponds
to 1000_00h (+1) or F000_00h (-1).
R34
(0022h)
Tone
Generator
3
7:0
TONE1_LVL [7:0]
00h
Tone Generator 1 DC output level
TONE1_LVL [23:8] is coded as 2’s
complement. Bits [23:20] contain the
integer portion; bits [19:0] contain the
fractional portion.
The digital core 0dBFS level corresponds
to 1000_00h (+1) or F000_00h (-1).
R35
(0023h)
Tone
Generator
4
15:0
TONE2_LVL
[23:8]
1000h
Tone Generator 2 DC output level
TONE2
_LVL [23:8] is coded as 2’s
complement. Bits [23:20] contain the
integer portion; bits [19:0] contain the
fractional portion.
The digital core 0dBFS level corresponds
to 1000_00h (+1) or F000_00h (-1).
R36
(0024h)
Tone
Generator
5
7:0
TONE2_LVL [7:0]
00h
Tone Generator 2 DC output level
TONE2
_LVL [23:8] is coded as 2’s
complement. Bits [23:20] contain the
integer portion; bits [19:0] contain the
fractional portion.
The digital core 0dBFS level corresponds
to 1000_00h (+1) or F000_00h (-1).
Table 19 Tone Generator Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com