Electronic Components Datasheet Search
  English  ▼

X  

WM8281 Datasheet(PDF) 72 Page - Cirrus Logic

Part # WM8281
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281 Datasheet(HTML) 72 Page - Cirrus Logic

Back Button WM8281 Datasheet HTML 68Page - Cirrus Logic WM8281 Datasheet HTML 69Page - Cirrus Logic WM8281 Datasheet HTML 70Page - Cirrus Logic WM8281 Datasheet HTML 71Page - Cirrus Logic WM8281 Datasheet HTML 72Page - Cirrus Logic WM8281 Datasheet HTML 73Page - Cirrus Logic WM8281 Datasheet HTML 74Page - Cirrus Logic WM8281 Datasheet HTML 75Page - Cirrus Logic WM8281 Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 392 page
background image
WM8281
72
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R707
(02C3h)
Mic noise
mix control
1
7
MICMUTE_NOIS
E_ENA
0
Mic Mute Mixer Control
0 = Mic Mix
1 = Noise Mix
6
MICMUTE_MIX_
ENA
0
Mic Mute Mixer Enable
0 = Disabled
1 = Enabled
Table 9 Mic Mute Mixer Control Registers
The WM8281 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the commanded digital mixing functions. If an attempt is made to enable a MICMIX or
NOISEMIX signal path, and there are insufficient SYSCLK cycles to support it, then the attempt will be
unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The status bits in Registers R1600 to R3000 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled, and which mixer(s) could not be enabled.
5-BAND PARAMETRIC EQUALISER (EQ)
The digital core provides four EQ processing blocks as illustrated in Figure 29. A 4-input mixer is
associated with each EQ. The 4 input sources are selectable in each case, and independent volume
control is provided for each path. Each EQ block supports 1 output.
The EQ provides selective control of 5 frequency bands as described below.
The low frequency band (Band 1) filter can be configured either as a peak filter or a shelving filter.
When configured as a shelving filter, is provides adjustable gain below the Band 1 cut-off frequency.
As a peak filter, it provides adjustable gain within a defined frequency band that is centred on the
Band 1 frequency.
The mid frequency bands (Band 2, Band 3, Band 4) filters are peak filters, which provide adjustable
gain around the respective centre frequency.
The high frequency band (Band 5) filter is a shelving filter, which provides adjustable gain above the
Band 5 cut-off frequency.
EQnMIX_VOL2
EQnMIX_VOL3
EQnMIX_VOL4
+
EQnMIX_VOL1
EQnMIX_SRC1
EQnMIX_SRC3
EQnMIX_SRC4
EQnMIX_SRC2
EQ1 (50h)
EQ2 (51h)
EQ3 (52h)
EQ4 (53h)
EQ
5-band Equaliser
WM8281 supports 4 EQ blocks, ie. n = 1, 2, 3 or 4
Figure 29 Digital Core EQ Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com