Electronic Components Datasheet Search
  English  ▼

X  

WM8281 Datasheet(PDF) 81 Page - Cirrus Logic

Part # WM8281
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281 Datasheet(HTML) 81 Page - Cirrus Logic

Back Button WM8281 Datasheet HTML 77Page - Cirrus Logic WM8281 Datasheet HTML 78Page - Cirrus Logic WM8281 Datasheet HTML 79Page - Cirrus Logic WM8281 Datasheet HTML 80Page - Cirrus Logic WM8281 Datasheet HTML 81Page - Cirrus Logic WM8281 Datasheet HTML 82Page - Cirrus Logic WM8281 Datasheet HTML 83Page - Cirrus Logic WM8281 Datasheet HTML 84Page - Cirrus Logic WM8281 Datasheet HTML 85Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 392 page
background image
WM8281
Rev 4.0
81
GPIO Outputs from DRC
The Dynamic Range Control (DRC) circuit provides a number of status outputs, which can be output
directly on a GPIO pin as an external indication of the DRC Status.
See “General Purpose Input /
Output
” to configure a GPIO pin for these functions.
Each of the DRC status outputs is described below.
The DRC Signal Detect flag indicates that a signal is present on the respective signal path. The
threshold level for signal detection is configurable using the register fields are described in Table 15
and Table 16.
The DRC Anti-Clip flag indicates that the DRC Anti-Clip function has been triggered. In this event, the
DRC gain is decreasing in response to a rising signal level. The flag is asserted until the DRC gain
stablises.
The DRC Decay flag indicates that the DRC gain is increasing in response to a low level signal input.
The flag is asserted until the DRC gain stabilises.
The DRC Noise Gate flag indicates that the DRC Noise Gate function has been triggered, indicating
that an idle condition has been detected in the signal path.
The DRC Quick Release flag indicates that the DRC Quick Release function has been triggered. In
this event, the DRC gain is increasing rapidly following detection of a short transient peak. The flag is
asserted until the DRC gain stabilises.
DRC Register Controls
The DRC control registers are described in Table 15 and Table 16 for DRC1 and DRC2 respectively.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3585
(0E01h)
FX_Ctrl2
15:4
FX_STS [11:0]
00h
LHPF, DRC, EQ Enable Status
Indicates the status of each of the
respective signal processing
functions.
[11] = EQ4
[10] = EQ3
[9] = EQ2
[8] = EQ1
[7] = DRC2 (Right)
[6] = DRC2 (Left)
[5] = DRC1 (Right)
[4] = DRC1 (Left)
[3] = LHPF4
[2] = LHPF3
[1] = LHPF2
[0] = LHPF1
Each bit is coded as:
0 = Disabled
1 = Enabled
R3712
(0E80h)
DRC1 ctrl1
15:11
DRC1_SIG_DET
_RMS [4:0]
00h
DRC1 Signal Detect RMS
Threshold.
This is the RMS signal level for
signal detect to be indicated when
DRC1_SIG_DET_MODE=1.
00h = -30dB
01h = -31.5dB
…. (1.5dB steps)
1Eh = -75dB
1Fh = -76.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com