Electronic Components Datasheet Search
  English  ▼

X  

WM8281 Datasheet(PDF) 89 Page - Cirrus Logic

Part # WM8281
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281 Datasheet(HTML) 89 Page - Cirrus Logic

Back Button WM8281 Datasheet HTML 85Page - Cirrus Logic WM8281 Datasheet HTML 86Page - Cirrus Logic WM8281 Datasheet HTML 87Page - Cirrus Logic WM8281 Datasheet HTML 88Page - Cirrus Logic WM8281 Datasheet HTML 89Page - Cirrus Logic WM8281 Datasheet HTML 90Page - Cirrus Logic WM8281 Datasheet HTML 91Page - Cirrus Logic WM8281 Datasheet HTML 92Page - Cirrus Logic WM8281 Datasheet HTML 93Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 392 page
background image
WM8281
Rev 4.0
89
The WM8281 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the commanded DRC and digital mixing functions. If an attempt is made to enable a DRC
signal path, and there are insufficient SYSCLK cycles to support it, then the attempt will be
unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The Underclocked Error
can be monitored using the GPIO and/or Interrupt functions. See “General
Purpose Input / Output
” and “Interrupts” for further details.
The FX_STS field in Register R3585 indicates the status of each of the EQ, DRC and LHPF signal
paths. If an Underclocked Error condition occurs, then this register provides readback of which EQ,
DRC or LHPF signal path(s) have been successfully enabled.
The status bits in Registers R1600 to R3000 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled.
LOW PASS / HIGH PASS DIGITAL FILTER (LHPF)
The digital core provides four Low Pass Filter (LPF) / High Pass Filter (HPF) processing blocks as
illustrated in Figure 32. A 4-input mixer is associated with each filter. The 4 input sources are
selectable in each case, and independent volume control is provided for each path. Each Low/High
Pass Filter (LHPF) block supports 1 output.
The Low Pass Filter / High Pass Filter can be used to remove unwanted out-of-band noise from a
signal path. Each filter can be configured either as a Low Pass filter or High Pass filter.
WM8281 supports 4 LHPF blocks, ie. n = 1, 2, 3 or 4
LHPFnMIX_VOL2
LHPFnMIX_VOL3
LHPFnMIX_VOL4
+
LHPFnMIX_VOL1
LHPFnMIX_SRC1
LHPFnMIX_SRC3
LHPFnMIX_SRC4
LHPFnMIX_SRC2
LHPF1 (60h)
LHPF2 (61h)
LHPF3 (62h)
LHPF4 (63h)
LHPF
Low-Pass filter (LPF) /
High-Pass filter (HPF)
Figure 32 Digital Core LPF/HPF Blocks
The LHPF1, LHPF2, LHPF3 and LHPF4 mixer control registers (see Figure 32) are located at register
addresses R2304 (900h) through to R2335 (91Fh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R3000). Generic register definitions are provided in Table 8.
The *_SRCn registers select the input source(s) for the respective LHPF processing blocks. Note that
the selected input source(s) must be configured for the same sample rate as the LHPF to which they
are connected. Sample rate conversion functions are available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and “Isochronous Sample Rate Converter
(ISRC)
”.
The bracketed numbers in Figure 32
, eg. “(60h)” indicate the corresponding *_SRCn register setting
for selection of that signal as an input to another digital core function.
The sample rate for the LHPF function is configured using the FX_RATE register - see Table 23. Note
that the EQ, DRC and LHPF functions must all be configured for the same sample rate.
The LHPF function supports audio sample rates in the range 8kHz to 192kHz. When the DRC is
enabled, the maximum sample rate for the EQ, DRC and LHPF functions is 96kHz.
Sample rate conversion is required when routing the LHPF signal paths to any signal chain that is
asynchronous and/or configured for a different sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com