Electronic Components Datasheet Search
  English  ▼

X  

WM8281 Datasheet(PDF) 36 Page - Cirrus Logic

Part # WM8281
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button WM8281 Datasheet HTML 32Page - Cirrus Logic WM8281 Datasheet HTML 33Page - Cirrus Logic WM8281 Datasheet HTML 34Page - Cirrus Logic WM8281 Datasheet HTML 35Page - Cirrus Logic WM8281 Datasheet HTML 36Page - Cirrus Logic WM8281 Datasheet HTML 37Page - Cirrus Logic WM8281 Datasheet HTML 38Page - Cirrus Logic WM8281 Datasheet HTML 39Page - Cirrus Logic WM8281 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 392 page
background image
WM8281
36
Rev 4.0
DIGITAL AUDIO INTERFACE - SLAVE MODE
BCLK
(input)
LRCLK
(input)
TXDAT
(output)
RXDAT
(input)
tDSU
tDD
tDH
tLRH
tLRSU
tBCH
tBCL
tBCY
Figure 6 Audio Interface Timing - Slave Mode
Note that BCLK and LRCLK inputs can be inverted if required; Figure 6 shows the default, non-
inverted polarity.
Test Conditions
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Interface Timing - Slave Mode
AIFnBCLK cycle time
tBCY
40
ns
AIFnBCLK pulse width high
BCLK as direct SYSCLK or
ASYNCCLK source
tBCH
16
ns
All other conditions
14
AIFnBCLK pulse width low
BCLK as direct SYSCLK or
ASYNCCLK source
tBCL
16
ns
All other conditions
14
Audio Interface Timing - Slave Mode
CLOAD = 15pF (output pins). BCLK slew (10% to 90%) = 3ns.
AIFn[TX/RX]LRCLK set-up time to BCLK rising edge
tLRSU
7
ns
AIFn[TX/RX]LRCLK hold time from BCLK rising edge
tLRH
0
ns
AIFnTXDAT propagation delay from BCLK falling edge
tDD
0
10.7
ns
AIFnRXDAT set-up time to BCLK rising edge
tDSU
2
ns
AIFnRXDAT hold time from BCLK rising edge
tDH
0
ns
Audio Interface Timing - Slave Mode
CLOAD = 25pF (output pins). BCLK slew (10% to 90%) = 6ns.
AIFn[TX/RX]LRCLK set-up time to BCLK rising edge
tLRSU
7
ns
AIFn[TX/RX]LRCLK hold time from BCLK rising edge
tLRH
0
ns
AIFnTXDAT propagation delay from BCLK falling edge
tDD
0
12.7
ns
AIFnRXDAT set-up time to BCLK rising edge
tDSU
2
ns
AIFnRXDAT hold time from BCLK rising edge
tDH
0
ns
Audio Interface Timing - Slave Mode, Master LRCLK
AIFn[TX/RX]LRCLK propagation delay from BCLK falling edge
CLOAD = 15pF (output pins). BCLK slew (10% to 90%) = 3ns.
tLRD
14.8
ns
AIFn[TX/RX]LRCLK propagation delay from BCLK falling edge
CLOAD = 25pF (output pins). BCLK slew (10% to 90%) = 6ns.
15.9
Notes:
The descriptions above assume non-inverted polarity of AIFnBCLK.
When AIFnBCLK or AIFnLRCLK is selected as a source for SYSCLK or ASYNCCLK (either directly or via one of the FLLs), the
frequency must be within 1% of the applicable SYSCLK_FREQ or ASYNCCLK_FREQ register setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com