Electronic Components Datasheet Search
  English  ▼

X  

TMS28F210 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS28F210
Description  65536 BY 16-BIT FLASH MEMORY
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F210 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS28F210 Datasheet HTML 10Page - Texas Instruments TMS28F210 Datasheet HTML 11Page - Texas Instruments TMS28F210 Datasheet HTML 12Page - Texas Instruments TMS28F210 Datasheet HTML 13Page - Texas Instruments TMS28F210 Datasheet HTML 14Page - Texas Instruments TMS28F210 Datasheet HTML 15Page - Texas Instruments TMS28F210 Datasheet HTML 16Page - Texas Instruments TMS28F210 Datasheet HTML 17Page - Texas Instruments TMS28F210 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
TMS28F210
65536 BY 16-BIT
FLASH MEMORY
SMJS210D – DECEMBER 1992 – REVISED AUGUST 1997
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC (see Note 1)
– 0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Programming supply voltage range, VPP
– 0.6 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (see Note 2): All inputs except A9
– 0.6 V to VCC + 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
A9
– 0.6 V to 13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range (see Note 3)
– 0.6 V to VCC + 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range during read/erase/program, TA
L
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
E
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Q
– 40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to VSS.
2. The voltage on any input can undershoot to –2 V for periods less than 20 ns.
3. The voltage on any output can overshoot to 7 V for periods less than 20 ns.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
During write/read/flash erase
45
5
55
V
VCC
Supply voltage
During write/read/flash erase
4.5
5
5.5
V
VPP
Programming supply voltage
During read only ( VPPL )
0
VCC +2
V
VPP
Programming supply voltage
During write/read/flash erase ( VPPH )
11.4
12
12.6
V
VID
Voltage level on A9 for algorithm-selection mode
11.5
13
V
VIH
High level dc input voltage
TTL
2
VCC + 0.5
V
VIH
High-level dc input voltage
CMOS
VCC – 0.5
VCC + 0.5
V
VIL
Low level dc input voltage
TTL
– 0.5
0.8
V
VIL
Low-level dc input voltage
CMOS
GND – 0.2
GND + 0.2
V
L
0
70
TA
Operating free-air temperature
E
– 40
85
°C
Q
– 40
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com