Electronic Components Datasheet Search
  English  ▼

X  

TMS28F210 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS28F210
Description  65536 BY 16-BIT FLASH MEMORY
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F210 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS28F210 Datasheet HTML 14Page - Texas Instruments TMS28F210 Datasheet HTML 15Page - Texas Instruments TMS28F210 Datasheet HTML 16Page - Texas Instruments TMS28F210 Datasheet HTML 17Page - Texas Instruments TMS28F210 Datasheet HTML 18Page - Texas Instruments TMS28F210 Datasheet HTML 19Page - Texas Instruments TMS28F210 Datasheet HTML 20Page - Texas Instruments TMS28F210 Datasheet HTML 21Page - Texas Instruments TMS28F210 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
TMS28F210
65536 BY 16-BIT
FLASH MEMORY
SMJS210D – DECEMBER 1992 – REVISED AUGUST 1997
18
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing requirements — alternative E-controlled writes
ALTERNATE
’28F210 10
’28F210 12
’28F210 15
’28F210 17
ALTERNATE
’28F210 - 10
’28F210 - 12
’28F210 - 15
’28F210 - 17
UNIT
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tc(W)
Cycle time, write using E
tAVAV
100
120
150
170
ns
tc(E)PR
Cycle time, programming
operation
tEHEH
10
10
10
10
µs
th(EA)
Hold time, address
tELAX
75
80
80
90
ns
th(ED)
Hold time, data
tEHDX
10
10
10
10
ns
th(W)
Hold time, W
tEHWH
0
0
0
0
ns
tsu(A)
Setup time, address
tAVEL
0
0
0
0
ns
tsu(D)
Setup time, data
tDVEH
50
50
50
50
ns
tsu(W)
Setup time, W before E
tWLEL
0
0
0
0
ns
tsu(VPPEL) Setup time, VPP to E low
tVPEL
1
1
1
1
µs
trec(E)R
Recovery time, write using E
before read
tEHGL
6
6
6
6
µs
trec(E)W
Recovery time, read before
write using E
tGHEL
0
0
0
0
µs
tw(E)
Pulse duration, write using E
tELEH
70
70
70
80
ns
tw(EH)
Pulse duration, write, E high
tEHEL
20
20
20
20
ns
PARAMETER MEASUREMENT INFORMATION
2.08 V
CL = 100 pF
(see Note A)
Output
Under Test
RL = 800 Ω
2.4 V
0.45 V
2 V
0.8 V
2 V
0.8 V
LOAD CIRCUIT
VOLTAGE WAVEFORMS
NOTES: A. CL includes probe and fixture capacitance.
B. AC testing inputs are driven at 2.4 V for logic high
and 0.45 V for logic low. Timing measurements
are
made
at
2
V
for
logic
high
and
0.8 V for logic low on both inputs and outputs.
Each device should have a 0.1-
µF ceramic
capacitor connected between VCC and VSS as
close as possible to the device pins.
Figure 4. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com