Electronic Components Datasheet Search
  English  ▼

X  

TPS22933 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22933
Description  Triple-Input Power Multiplexer With Auto-Select and Low Drop-Out Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22933 Datasheet(HTML) 3 Page - Texas Instruments

  TPS22933 Datasheet HTML 1Page - Texas Instruments TPS22933 Datasheet HTML 2Page - Texas Instruments TPS22933 Datasheet HTML 3Page - Texas Instruments TPS22933 Datasheet HTML 4Page - Texas Instruments TPS22933 Datasheet HTML 5Page - Texas Instruments TPS22933 Datasheet HTML 6Page - Texas Instruments TPS22933 Datasheet HTML 7Page - Texas Instruments TPS22933 Datasheet HTML 8Page - Texas Instruments TPS22933 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
Pin 1 Index Area
Pin 1 Identifier
Top View
Bottom View
TPS22933
www.ti.com
SLVSB34A – OCTOBER 2011 – REVISED JUNE 2015
5 Pin Configuration and Functions
RSE Package
8-PIN UQFN
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
BAT
I
Source Voltage 1 (Battery)
2
USB
I
Source Voltage 2 (V+ USB)
3
DC_IN
I
Source Voltage 3 (DC Adapter)
4
GND
—
Ground
5
EN
I
VOUT Enable (Cannot be left floating)
6
CAP
O
Capacitor for LDO
7
VOUT
O
Switched LDO Output
8
LOUT
O
Always on LDO Output
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Input voltage
BAT, USB, DC_IN
–0.3
14
V
VOUTPUT
Output voltage
VOUT, LOUT
–0.3
6
V
VEN
Input voltage
EN
–0.3
6
V
IMAX
Maximum continuous switch current
75
mA
IPLS
Maximum pulsed switch current, pulse <300 µs, 2% duty cycle
100
mA
TA
Operating free-air temperature
–40
85
°C
Tlead
Maximum lead temperature (10-s soldering time)
300
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS22933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com