Electronic Components Datasheet Search
  English  ▼

X  

TPS22933 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22933
Description  Triple-Input Power Multiplexer With Auto-Select and Low Drop-Out Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22933 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22933 Datasheet HTML 1Page - Texas Instruments TPS22933 Datasheet HTML 2Page - Texas Instruments TPS22933 Datasheet HTML 3Page - Texas Instruments TPS22933 Datasheet HTML 4Page - Texas Instruments TPS22933 Datasheet HTML 5Page - Texas Instruments TPS22933 Datasheet HTML 6Page - Texas Instruments TPS22933 Datasheet HTML 7Page - Texas Instruments TPS22933 Datasheet HTML 8Page - Texas Instruments TPS22933 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
BAT
USB
DC_IN
EN
LOUT
VOUT
LiIon Battery
USB Port
DC Adapter
LDO
CAP
GND
Controller
Switched
Load
Always ON
Load
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS22933
SLVSB34A – OCTOBER 2011 – REVISED JUNE 2015
TPS22933 Triple-Input Power Multiplexer With Auto-Select and Low Drop-Out Voltage
Regulator
1 Features
3 Description
The TPS22933 device is a small, low rON, triple-input
1
•
Three Integrated Load Switches Automatically
power multiplexer with auto-input selection and a low-
Choose Highest Input
dropout linear regulator. The device contains three P-
•
Integrated 3.6-V Fixed LDO
channel MOSFETs that can operate over an input
•
Switched and Always on LDO Outputs
voltage range of 2.5 V to 12 V. The TPS22933
automatically selects the highest level (from BAT,
•
µQFN package 1.5 mm × 1.5 mm
USB, and DC_IN) and enables that input to source
•
Input Voltage Range: 2.5 V to 12 V
the LDO. LOUT is an always-on output from the LDO.
•
Low ON-Resistance (rON)
The Enable function (EN pin) allows VOUT to be
switched on or off, enables a quick discharge resistor,
–
rON = 2.4 Ω at VIN = 5.0 V
and is capable of interfacing directly with low-voltage
–
rON = 2.6 Ω at VIN = 4.2 V
control signals.
•
50-mA Maximum Continuous Current
The TPS22933 is available in a small, space-saving
•
Low Threshold Control Input (EN)
8-pin
µQFN
package
and
is
characterized
for
•
Switchover Time of 18 µs (typical)
operation over the free-air temperature range of
–40ºC to 85ºC.
2 Applications
Device Information(1)
•
Smart Phones
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
GPS Devices
TPS22933
UQFN (8)
1.50 mm × 1.50 mm
•
Digital Cameras
(1) For all available packages, see the orderable addendum at
•
Portable Industrial Equipment
the end of the data sheet.
•
Portable Medical Equipment
•
Portable Media Players
•
Portable Instrumentation
Typical Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS22933

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22933A TI1-TPS22933A Datasheet
572Kb / 17P
Small, Triple-Input Power Multiplexer with Auto-Select and Low Drop-out Voltage Regulator
TPS22933ARSER TI1-TPS22933ARSER Datasheet
572Kb / 17P
Small, Triple-Input Power Multiplexer with Auto-Select and Low Drop-out Voltage Regulator
TPS22933ARSET TI1-TPS22933ARSET Datasheet
572Kb / 17P
Small, Triple-Input Power Multiplexer with Auto-Select and Low Drop-out Voltage Regulator
More results

Similar Description - TPS22933

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
RICOH electronics devic...
RN5RZ RICOH-RN5RZ Datasheet
151Kb / 24P
LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
500mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
Texas Instruments
TPS22933A TI1-TPS22933A Datasheet
572Kb / 17P
Small, Triple-Input Power Multiplexer with Auto-Select and Low Drop-out Voltage Regulator
logo
Toshiba Semiconductor
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
200 mA CMOS Low Drop-Out Regulator with Auto-discharge
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com