Electronic Components Datasheet Search
  English  ▼

X  

TPS22933 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22933
Description  Triple-Input Power Multiplexer With Auto-Select and Low Drop-Out Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22933 Datasheet(HTML) 5 Page - Texas Instruments

  TPS22933 Datasheet HTML 1Page - Texas Instruments TPS22933 Datasheet HTML 2Page - Texas Instruments TPS22933 Datasheet HTML 3Page - Texas Instruments TPS22933 Datasheet HTML 4Page - Texas Instruments TPS22933 Datasheet HTML 5Page - Texas Instruments TPS22933 Datasheet HTML 6Page - Texas Instruments TPS22933 Datasheet HTML 7Page - Texas Instruments TPS22933 Datasheet HTML 8Page - Texas Instruments TPS22933 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS22933
www.ti.com
SLVSB34A – OCTOBER 2011 – REVISED JUNE 2015
6.5 Electrical Characteristics
BAT = 2.5 V to 12.0 V, USB = 2.5 V to 12.0 V, DC_IN = 2.5 V to 12.0 V, TA = –40ºC to +85ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1) (2) (3)
TA
MIN
TYP(4)
MAX
UNIT
IOUT = 0 mA, VBAT = 4.2 V, VUSB = 3 V,
Operating current
9.2
15
VDC_IN = 3 V, EN = 3.4 V
IIN-BAT
Full
µA
IOUT = 0, VBAT = 4.2 V, VUSB = 5 V, VDC_IN =
Quiescent current
0.7
2
3 V, EN = 3.4 V
IOUT = 0 mA, VBAT = 4.2 V, VUSB = 5 V,
Operating current
9.2
15
VDC_IN = 3 V, EN = 3.4 V
IIN-USB
Full
µA
IOUT = 0, VBAT = 4.2V, VUSB = 5V, VDC_IN =
Quiescent current
0.7
2
5.5V, EN = 3.4 V
IOUT = 0 mA, VBAT = 4.2 V, VUSB = 3 V,
Operating current
9.2
15
VDC_IN = 5 V, EN = 3.4 V
IIN-DC_IN
Full
µA
IOUT = 0, VBAT = 4.2V, VUSB = 5.5V, VDC_IN =
Quiescent current
0.7
2
5V, EN = 3.4 V
Hi-Voltage operating
IOUT = 0 mA, VBAT = 4.2 V, VUSB = 12 V,
IIN-USB
Full
10.8
20
µA
current
VDC_IN = 5 V, EN = 3.4 V
Hi-Voltage operating
IOUT = 0 mA, VBAT = 4.2 V, VUSB = 5 V,
IIN-DC_IN
Full
10.8
20
µA
current
VDC_IN = 12 V, EN = 3.4 V
25ºC
2.4
3.3
VIN = 5.0 V, IOUT = 10 mA
Ω
Full
3.5
ON resistance (USB to
25ºC
2.6
3.5
RON
CAP, BAT to CAP,
VIN = 4.2 V, IOUT = 10 mA
Ω
Full
4
DC_IN to CAP)
25ºC
3.8
5
VIN = 2.5 V, IOUT = 10 mA
Ω
Full
6
25ºC
1.3
2.5
ON resistance (LDO
RONVOUT
VIN = 4.2 V, IOUT-VOUT = 10 mA
Ω
output to VOUT)
Full
3
Output pulldown
VIN = 4.2 V, VEN = 0 V, I(into VOUT) = 10
RPD
25ºC
63.8
120
Ω
resistance
mA
IEN
EN input leakage
VEN = 1.6 V to 5.5 V or GND
Full
1
µA
Dropout voltage VOUT
VDO-VOUT
IOUT = 10 mA
Full
0.11
V
(5) (6)
VDO-LOUT
Dropout voltage LOUT
IOUT = 10 mA
(5) (6)
Full
0.1
V
VIN –
VIN < 3.4 V, IOUT = 10 mA, VEN = 1.8 V
Full
Always on LDO output
VDO-LOUT
VLOUT
V
voltage (LOUT pin)
VIN > 4 V, IOUT = 10 mA, VEN = 1.8 V
Full
3.42
3.6
3.78
VIN –
VIN < 3.4 V, IOUT = 10 m A, VEN = 1.8 V
Full
Switched LDO output
VDO-VOUT
VVOUT
V
voltage (VOUT pin)
VIN > 4 V, IOUT = 10 mA, VEN = 1.8 V
Full
3.39
3.57
3.75
VCO
Changeover voltage
VBAT = 4.2 V, VUSB = 4.0 V rising to 4.4 V
Full
0.15
V
25ºC
18
VBAT=4.2 V, VUSB = 4.0 V rising to 4.4 V,
tCO
Changeover time
µs
CAP = 0.01 µF, IOUT = 10 mA
Full
50
EN high to low, C(VOUT) = 1 µF, VOUT load
tOFF
VOUT OFF-time
Full
32
µs
= 360
Ω
EN low to high, C(VOUT) = open, VOUT
tON
VOUT ON-time
Full
65
µs
load = 360
Ω
(1)
VIN is defined as the highest voltage present on the BAT, USB and DC_IN pins.
(2)
One of the voltages on BAT, USB and DC_IN must be > VIN (Min), others can be 0 V.
(3)
VBAT, VUSB and VDC_IN refer to the voltages on BAT, USB and DC_IN respectively. OUT, IOUT-VOUT and IOUT-LOUT refer to the
currents for the combined output current for VOUT and LOUT, the current on VOUT and the current on LOUT respectively.
(4)
TYP is 25ºC, BAT = 4.2-V, USB = 0-V, DC_IN = 0-V.
(5)
Dropout voltage is the minimum input to output voltage differential needed to maintain regulation at a specified output current. In
dropout, the output voltage is equal to: VIN – VDROPOUT.
(6)
Dropout voltage is measured at the VIN that causes the output to drop to 100mV below its nominal voltage. For VOUT, the voltage drop
across the output switch is included (10mA × RONVOUT).
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS22933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com