Electronic Components Datasheet Search
  English  ▼

X  

TPS22933 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22933
Description  Triple-Input Power Multiplexer With Auto-Select and Low Drop-Out Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22933 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22933 Datasheet HTML 3Page - Texas Instruments TPS22933 Datasheet HTML 4Page - Texas Instruments TPS22933 Datasheet HTML 5Page - Texas Instruments TPS22933 Datasheet HTML 6Page - Texas Instruments TPS22933 Datasheet HTML 7Page - Texas Instruments TPS22933 Datasheet HTML 8Page - Texas Instruments TPS22933 Datasheet HTML 9Page - Texas Instruments TPS22933 Datasheet HTML 10Page - Texas Instruments TPS22933 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0
2
4
6
8
10
12
4
6
8
10
12
Vin (V)
−40C
85C
25C
G000
0
1
2
3
4
5
2.5
3.0
3.5
4.0
4.5
5.0
Vin (V)
−40C
85C
25C
IOUT = 10mA
G000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
4
6
8
10
12
Vin (V)
−40C
85C
25C
G000
60
61
62
63
64
65
66
−40
−15
10
35
60
85
Temperature (°C)
VIN = 4.2V, IOUT = −10mA
G000
0
1
2
3
4
5
2
4
6
VIN (V)
BAT
USB
DC_IN
25C, IOUT = 10mA
G000
TPS22933
www.ti.com
SLVSB34A – OCTOBER 2011 – REVISED JUNE 2015
Figure 1. RPD vs Temperature
Figure 2. RON vs VIN (Typical)
Figure 3. RON vs VIN
Figure 4. IIN (Quiescent) vs VIN
Figure 5. IIN (Operating) vs VIN
Figure 6. VOUT tOFF (1 µF on VOUT)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS22933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com