Electronic Components Datasheet Search
  English  ▼

X  

TPS22933 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22933
Description  Triple-Input Power Multiplexer With Auto-Select and Low Drop-Out Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22933 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22933 Datasheet HTML 7Page - Texas Instruments TPS22933 Datasheet HTML 8Page - Texas Instruments TPS22933 Datasheet HTML 9Page - Texas Instruments TPS22933 Datasheet HTML 10Page - Texas Instruments TPS22933 Datasheet HTML 11Page - Texas Instruments TPS22933 Datasheet HTML 12Page - Texas Instruments TPS22933 Datasheet HTML 13Page - Texas Instruments TPS22933 Datasheet HTML 14Page - Texas Instruments TPS22933 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Control
Logic
BAT
USB
DC_IN
VOUT
CAP
EN
GND
LOUT
Ref
- +
LDO
TPS22933
www.ti.com
SLVSB34A – OCTOBER 2011 – REVISED JUNE 2015
8 Detailed Description
8.1 Overview
The TPS22933 is a triple-input power multiplexer with auto-input selection and a low dropout linear regulator.
The device contains three P-channel MOSFETs that can operate over an input voltage range of 2.5 V to 12 V.
The TPS22933 automatically selects the highest voltage level (from BAT, USB, and DC_IN) and enables that
input to source the LDO. LOUT is an always-on output from the LDO, but VOUT can be switched on and off
using the EN pin.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 ON and OFF Control
The EN pin controls the state of the VOUT switch and VOUT pulldown switch. EN has no control over LOUT.
Asserting EN enables the VOUT switch and disables the Quick Output Discharge (QOD) switch. Deasserting EN
disables the VOUT switch and enables the QOD switch. EN is active high and has a low threshold, making it
capable of interfacing with low voltage signals. The EN pin is compatible with standard GPIO Logic threshold and
can be used with any microcontroller with 1.2-V, 1.8-V, 2.5-V or 3.3-V GPIOs.
8.3.2 Power Changeover
The TPS22933 LDO is powered by the highest level input. When input voltages change, the TPS22933 may
change which input powers the LDO. During initial power up, the input that reaches the highest value first will
power the LDO. Once that decision is made, changing between input sources is based on VCO. When an input
source becomes VCO over the input currently supplying power to the LDO, changeover will occur and the new,
higher input will power the LDO.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS22933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com