Electronic Components Datasheet Search
  English  ▼

X  

TPS22933 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22933
Description  Triple-Input Power Multiplexer With Auto-Select and Low Drop-Out Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22933 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22933 Datasheet HTML 6Page - Texas Instruments TPS22933 Datasheet HTML 7Page - Texas Instruments TPS22933 Datasheet HTML 8Page - Texas Instruments TPS22933 Datasheet HTML 9Page - Texas Instruments TPS22933 Datasheet HTML 10Page - Texas Instruments TPS22933 Datasheet HTML 11Page - Texas Instruments TPS22933 Datasheet HTML 12Page - Texas Instruments TPS22933 Datasheet HTML 13Page - Texas Instruments TPS22933 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
EN
VOUT
t
ON
t
OFF
50%
50%
50%
50%
USB
BAT
CAP
4.2 V
4.0 V
VCO
4.2 V
t
CO
4.4 V
4.4 V
360 W
VOUT
1
F
m
Load for t
and t
ON
OFF
TPS22933
SLVSB34A – OCTOBER 2011 – REVISED JUNE 2015
www.ti.com
7 Parametric Measurement Information
Figure 14. Test Circuit and tON / tOFF Waveforms
Figure 15. Switchover Timing
Figure 16. VOUT Enable Timing
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS22933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com