Electronic Components Datasheet Search
  English  ▼

X  

TPS22933 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22933
Description  Triple-Input Power Multiplexer With Auto-Select and Low Drop-Out Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22933 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22933 Datasheet HTML 4Page - Texas Instruments TPS22933 Datasheet HTML 5Page - Texas Instruments TPS22933 Datasheet HTML 6Page - Texas Instruments TPS22933 Datasheet HTML 7Page - Texas Instruments TPS22933 Datasheet HTML 8Page - Texas Instruments TPS22933 Datasheet HTML 9Page - Texas Instruments TPS22933 Datasheet HTML 10Page - Texas Instruments TPS22933 Datasheet HTML 11Page - Texas Instruments TPS22933 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
0
1
2
3
4
5
0
25
50
75
100
125
150
IOUT (mA)
LOUT
VOUT
25C, VIN = 4.2V
G000
0.08
0.09
0.1
0.11
0.12
−40
−15
10
35
60
85
Temperature (°C)
VIN = 2.5V, VEN = 1.8V, IOUT = 10mA
G000
3.5
3.52
3.54
3.56
3.58
3.6
−40
−15
10
35
60
85
Temperature (°C)
LOUT
VOUT
VIN = 4.2V, VEN = 1.8V, IOUT = 10mA
G000
TPS22933
SLVSB34A – OCTOBER 2011 – REVISED JUNE 2015
www.ti.com
Figure 7. VOUT tOFF (No Capacitor on VOUT)
Figure 8. VOUT tON (1 µF on VOUT)
Figure 10. LOUT-VOUT vs Temperature VIN 4.2 V
Figure 9. VOUT tON (No Capacitor on VOUT)
Figure 11. LOUT-VOUT vs IOUT
Figure 12. VDOLOUT vs Temperature VIN 2.5 V
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS22933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com