Electronic Components Datasheet Search
  English  ▼

X  

HCPL3180 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL3180
Description  Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3180 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL3180 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
DIN EN 60747-5-2 Insulation Characteristics (HCPL-3180 Option 060)
*
Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (DIN) for a
detailed description of Method A and Method B partial discharge test profiles.
** Refer to the following figure for dependence of PS and IS on ambient temperature.
Description
Symbol
HCPL-3180
Unit
Installation classification per DIN EN 0110 1997-04
for rated mains voltage 150 Vrms
I - IV
for rated mains voltage 300 Vrms
I - III
for rated mains voltage 600 Vrms
I - II
Climatic Classification
55/100/21
Pollution Degree (DIN EN 0110 1997 -04)
2
Maximum Working Insulation Voltage
VIORM
630
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875=VPR, 100% Production Test withtm=1 sec, Partial discharge < 5 pC
VPR
1181
Vpeak
Input to Output Test Voltage, Method a*
VIORM x 1.5=VPR, Type and Sample Test, tm=60 sec,Partial discharge < 5 pC
VPR
945
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage tini = 10 sec)
VIOTM
6000
Vpeak
Safety-limiting values - maximum values allowed in the event of a failure.
Case Temperature
TS
175
°C
Input Current**
IS, INPUT
230
mA
Output Power**
PS, OUTPUT
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
W
0
0
T S – CASE TEMPERATURE – ˚C
200
600
400
25
800
50
75
100
200
150 175
PS (mW)
125
100
300
500
700
IS (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com