Electronic Components Datasheet Search
  English  ▼

X  

HCPL3180 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL3180
Description  Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3180 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL3180 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Switching Specifications (AC)
Over recommended operating conditions unless otherwise specified.
Package Characteristics
Notes:
1. Derate linearly above +70 °C free air temperature at a rate of 0.3 mA/°C.
2. Maximum pulse width = 10 us, maximum duty cycle = 0.2%. This value is intended to allow for component tolerances for designs with IO peak
minimum = 2.0 A. See Application section for additional details on limiting IOL peak.
3. Derate linearly above +70 °C, free air temperature at the rate of 4.8 mW/°C.
4. Derate linearly above +70 °C, free air temperature at the rate of 5.4 mW/°C. The maximum LED junction temperature should not exceed +125 °C.
5. Maximum pulse width = 50 us, maximum duty cycle = 0.5%.
6. In this test, VOH is measured with a dc load current. When driving capacitive load VOH will approach VCC as IOH approaches zero amps.
7. Maximum pulse width = 1 ms, maximum duty cycle = 20%.
8. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage > 3000 Vrms for 1 second (leakage detection
current limit II-O < 5 uA).
9. Device considered a two-terminal device: pins on input side shorted together and pins on output side shorted together.
10. tPHL propagation delay is measured from the 50% level on the falling edge of the input pulse to the 50% level of the falling edge of the VO signal. tPLH
propagation delay is measured from the 50% level on the rising edge of the input pulse to the 50% level of the rising edge of the VO signal
11. tPSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature within the
recommended operating conditions
12. PWD is defined as |tPHL - tPLH | for any given device.
13. Pin 1 and 4 need to be connected to LED common.
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Fig
Note
Propagation Delay Time to High Output Level
tPLH
50
150
200
ns
IF = 10 mA
Rg = 10 W
f = 250 kHz
Duty Cycle = 50%
Cg = 10 nF
10,
11,
12,
13,
14,
23
16
Propagation Delay Time to Low Output Level
tPHL
50
150
200
ns
Pulse Width Distortion
PWD
20
65
ns
12
Propagation Delay Difference Between Any Two
Parts
PDD
(tPHL - tPLH)
-90
90
ms
35,
36
17
Rise Time
tr
25
ns
CL = 1 nF
Rg = 0 W
23
Fall Time
tf
25
ns
UVLO Turn On Delay
tUVLO ON
2.0
us
22
UVLO Turn Off Delay
tUVLO OFF
0.3
us
Output High Level Common Mode Transient
Immunity
|CMH|10
kV/µs
TA = +25 °C
If = 10 to 16 mA
VCM = 1.5 kV
VCC = 20 V
24
13, 14
Output Low Level Common Mode Transient
Immunity
|CML|10
kV/µs
TA = +25 °C
Vf = 0 V
VCM = 1.5 kV
VCC = 20 V
VCM = 1.5 kV
13, 15
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Fig
Note
Input-Output Momentary Withstand Voltage
VISO
2500
Vrms
TA = +25 °C,
RH < 50%
8, 9
Input-Output Resistance
RI-O
1011
W
VI-O = 500 V
9
Input-Output Capacitance
CI-O
1pF
Freq = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com