Electronic Components Datasheet Search
  English  ▼

X  

HCPL3180 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL3180
Description  Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3180 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL3180 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Electrical Specifications (DC)
Over recommended operating conditions unless otherwise specified.
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Fig
Note
High Level Output Current
IOH
0.5
A
VO = (VCC -4 V)
2, 3
5
2.0
A
VO = (VCC -10 V)
17
2
Low Level Output Current
IOL
0.5
A
VO = (VEE+2.5 V)
5, 6
5
2.0
A
VO = (VEE + 10 V)
18
2
High Level Output Voltage
VOH
VCC - 4
V
IO = -100 mA
1, 3
19
6, 7
Low Level Output Voltage
VOL
0.5
V
IO = 100 mA
4, 6
20
High Level Supply Current
ICCH
3.0
6.0
mA
Output Open
IF = 10 to 16 mA
7, 8
Low Level Supply Current
ICCL
3.0
6.0
mA
Output Open
VIF = -3.0 to 0.8 V
9,
15,
21
Threshold Input Current Low to High
IFLH
8.0
mA
IO = 0 mA
VO > 5 V
Threshold Input Voltage High to Low
VFHL
0.8
V
IF - 10 mA
16
Input Forward Voltage
VF
1.2
1.5
1.8
V
Temperature Coefficient of Forward Voltage
D
VF/
TA
-1.6
mV/°C
UVLO Threshold
VUVLO+
7.9
V
VO > 5 V
IF = 10 mA
22,
34
VUVLO-
7.4
V
UVLO Hysteresis
UVLOHYST
0.5
V
Input Reverse Breakdown Voltage
BVR
5V
IR = 10 uA
Input Capacitance
CIN
60
pF
f = 1 MHz,
VF = 0 V
∇



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com