Electronic Components Datasheet Search
  English  ▼

X  

HCPL3180 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL3180
Description  Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3180 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL3180 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Figure 5. IOL Vs Temperature
Figure 6. VOL Vs IOL
Figure 7. ICC Vs Temperature
Figure 8. ICC Vs VCC
Figure 9. IFLH Vs Temperature
Figure 10. Propagation Delay Vs VCC
0
0.5
1
1.5
2
2.5
3
-40
-20
0
20
406080
100
TA
VF(OFF) = -3.0 TO 0.8V
VOUT = 2.5V
VCC = 10 to 20V
VEE = 0
0
1
2
3
4
00.5
11.5
22.5
IOL - OUTPUT LOW CURRENT - A
25 C
0 C
100 C
VF(OFF) = -3 to 0.8V
VCC=10 to 20 V
VEE=0V
0
0.5
1
1.5
2
2.5
3
3.5
4
-40
-20
0
204060
80
100
TA - TEMPERATURE - oC
ICCH
ICCL
VCC=20V
VEE=0V
IF=10mA for ICCH
IF=0mA for ICCL
2.5
2.7
2.9
3.1
3.3
3.5
10
12
14
16
18
20
VCC - SUPPLY VOLTAGE - V
ICCL
ICCH
IF=10mA for ICCH
IF=0mA for ICCL
TA=25°C
VEE=0V
0
1
2
3
4
5
-40
-20
0
2040
6080
100
TA - TEMPERATURE - °C
VCC= 10 to 20V
VEE= 0V
Output= Open
50
100
150
200
250
10
15
20
25
VCC- SUPPLY VOLTAGE -V
TPLH
TPHL
IF=10mA
TA=25°C
Rg=10ohm
Cg=10nF
Duty Cycle=50%
f=250KHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com