Electronic Components Datasheet Search
  English  ▼

X  

HCPL3180 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL3180
Description  Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3180 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL3180 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Figure 3. VOH Vs IOH
Figure 4. VOL Vs Temperature
14. Common mode transient immunity in the high state is the maximum tolerable dVCM/dt of the common mode pulse VCM to assure that the output will
remain in the high state (i.e. VO > 10.0 V).
15. Common mode transient immunity in a low state is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to assure that the output will
remain in a low state (i.e. VO < 1.0 V).
16. tPHL propagation delay is measured from the 50% level on the falling edge of the input pulse to the 50% level of the falling edge of the VO signal. tPLH
propagation delay is measured from the 50% level on the rising edge of the input pulse to the 50% level of the rising edge of the VO signal
17. The difference between tPHL and tPLH between any two HCPL-3180 parts under same test conditions.
Figure 1. VOH Vs Temperature
Figure 2. IOH Vs Temperature
-3
-2.5
-2
-1.5
-1
-0.5
0
-40
-20
0
2040
6080
100
TA
IF=10 to 16mA
IOUT=-100mA
VCC=10 to 20V
VEE=0V
0
0.5
1
1.5
2
2.5
-40
10
60
TA
IF= 10 to 16mA
VOUT=(VCC-4)
VCC=10 to 20V
VEE=0V
-6
-5
-4
-3
-2
-1
01
2
3
4
IOH - OUTPUT HIGH CURRENT - A
100 C
-40 C
25 C
IF=10mA to 16mA
VCC=10 to 20 V
VEE=0V
0
0.05
0.1
0.15
0.2
0.25
0.3
-40
-20
0
2040
6080
100
TA - TEMPERATURE - °C
VF(OFF) = -3.0 TO 0.8V
IOUT = 100mA
VCC = 10 to 20V
VEE = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com