Electronic Components Datasheet Search
  English  ▼

X  

HCPL3180 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL3180
Description  Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3180 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL3180 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Figure 11. Propagation Delay Vs IF
Figure 12. Propagation Delay Vs Temperature
Figure 13. Propagation Delay Vs Rg
Figure 14. Propagation Delay Vs Cg
Figure 15. Transfer Characteristics
Figure 16. Input Current Vs Forward Voltage
50
100
150
200
250
6
8
10
12
14
16
IF - FORWARD LED CURRENT - mA
TPLH
TPHL
VCC=20V, VEE=0V
Rg=10 ohm,
Cg=10nF
Duty Cycle = 50%
f=250KHz
TA=25°C
50
100
150
200
250
5
1015
2025
Cg - LOAD CAPACITANCE - nF
Tplh
Tphl
IF=10mA
TA=25°C
Rg=10ohm
Duty Cycle=50%
f=250KHZ
50
100
150
200
250
-40
-20
0
20
406080
100
TA - TEMPERATURE - °C
TPHL
TPLH
IF=10mA
VCC=20V, VEE=0V
Rg=10 ohm, Cg=10nF
Duty Cycle = 50%
f=250KHz
0
5
10
15
20
01
2
345
IF - FORWARD LED CURRENT - mA
50
100
150
200
250
10
20
30
40
50
Rg - SERIES LOAD RESISTANCE - ohm
TPLH
TPHL
IF=10mA
TA=25°C
Cg=10nF
Duty Cycle=50%
f=250KHZ
1.10
0.001
V F – FORWARD VOLTAGE – VOLTS
1.60
10
1.0
0.1
1.20
1000
1.30
1.40
1.50
T A = 25˚C
IF
V F
+
–
0.01
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com