Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4521 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4521 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSPM4521 Datasheet HTML 1Page - Integrated Device Technology ZSPM4521 Datasheet HTML 2Page - Integrated Device Technology ZSPM4521 Datasheet HTML 3Page - Integrated Device Technology ZSPM4521 Datasheet HTML 4Page - Integrated Device Technology ZSPM4521 Datasheet HTML 5Page - Integrated Device Technology ZSPM4521 Datasheet HTML 6Page - Integrated Device Technology ZSPM4521 Datasheet HTML 7Page - Integrated Device Technology ZSPM4521 Datasheet HTML 8Page - Integrated Device Technology ZSPM4521 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
High-Efficiency Charger for Li-Ion
Batteries with Photovoltaic Sources
ZSPM4521
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 27, 2016
Typical Applications
• Portable solar chargers
• Off-grid systems
• Wireless sensor
networks
• HVAC controls
VIN
BATT Current
Control
Gate
Drive
Gate
Drive
Gate Drive
Control
VBAT
SW
Oscillator
Ramp
Generator
Comparator
Error Amp
GND
MONITOR
&
CONTROL
BATT Thermal
Control
Over-
Voltage
Protection
VBAT
VIN
VIN
S
EN
PGND
NFLT
COUT
LOUT
BATTERY
Compensation
Network
VTH_REF
VTHERM
Photovoltaic
Cells
~5V @ 450mA
Vref
VBAT
RTHM
RREF
RSENSE
VSENSE
MPP & Current
Control
SCL
SDA
VIN
CIN
VDD
CVDD
VDD Regulator
VIN
Backgate
Blocking
ZSPM4521
I²C™*
Interface
*I
2C™ is a trademark of NXP.
ZSPM4521 Block Diagram
Ordering Information
Ordering Code
Description
Package
ZSPM4521AA1W
ZSPM4521 High Efficiency Li-Ion Battery Charger for
Photovoltaic Sources
16-pin PQFN / 7” Reel (1000 parts)
ZSPM4521AA1R
ZSPM4521 High Efficiency Li-Ion Battery Charger for
Photovoltaic Sources
16-pin PQFN / 13” Reel (3300 parts)
ZSPM4521KIT
ZSPM4521 Evaluation Kit
Kit
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com