Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4521 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4521 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ZSPM4521 Datasheet HTML 12Page - Integrated Device Technology ZSPM4521 Datasheet HTML 13Page - Integrated Device Technology ZSPM4521 Datasheet HTML 14Page - Integrated Device Technology ZSPM4521 Datasheet HTML 15Page - Integrated Device Technology ZSPM4521 Datasheet HTML 16Page - Integrated Device Technology ZSPM4521 Datasheet HTML 17Page - Integrated Device Technology ZSPM4521 Datasheet HTML 18Page - Integrated Device Technology ZSPM4521 Datasheet HTML 19Page - Integrated Device Technology ZSPM4521 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
ZSPM4521 Datasheet
© 2016 Integrated Device Technology, Inc.
16
January 27, 2016
Any number of data bytes can be transferred from the transmitter to receiver between the START and the STOP
conditions. Each byte of eight bits is followed by one ACK bit from the receiver. The SDA line must be released by
the transmitter before the receiver can send an ACK bit. The receiver that acknowledges must pull down the SDA
line during the ACK clock pulse, so that the SDA line is stable low during the high pulse of the ACK-related clock
period. When a slave receiver is addressed, it must generate an ACK after each byte is received. Similarly, the
master must generate an ACK after each byte that it receives from the slave transmitter. An end of data is
signaled by the master receiver to the slave transmitter by not generating an acknowledge after the last byte has
been clocked out of the slave. This is done by the master receiver by holding the SDA line high. The transmitter
must then release the data line to enable the master to generate a STOP condition.
Figure 2.4
I
2C™ Start / Stop Protocol
See Table 1.5 for the definitions and specifications for the timing parameters labeled in Figure 2.5.
Figure 2.5
I
2C™ Data Transmission Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com