Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4521 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4521 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ZSPM4521 Datasheet HTML 2Page - Integrated Device Technology ZSPM4521 Datasheet HTML 3Page - Integrated Device Technology ZSPM4521 Datasheet HTML 4Page - Integrated Device Technology ZSPM4521 Datasheet HTML 5Page - Integrated Device Technology ZSPM4521 Datasheet HTML 6Page - Integrated Device Technology ZSPM4521 Datasheet HTML 7Page - Integrated Device Technology ZSPM4521 Datasheet HTML 8Page - Integrated Device Technology ZSPM4521 Datasheet HTML 9Page - Integrated Device Technology ZSPM4521 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ZSPM4521 Datasheet
© 2016 Integrated Device Technology, Inc.
6
January 27, 2016
1.3.
Recommended Operating Conditions
Table 1.3
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Photovoltaic Input Operating Voltage at VIN Pin
VIN
4.0
5.3
7.2
V
Sense Resistor
RSENSE
50
m
Ω
Output Filter Inductor Typical Value
1)
LOUT
4.7
µH
Output Filter Capacitor Typical Value
2)
COUT
4.7
µF
Output Filter Capacitor ESR
COUT-ESR
100
m
Ω
Input Supply Bypass Capacitor Value
3)
CIN
3.3
10
µF
VDD Supply Bypass Capacitor Value
2)
CVDD
70
100
130
nF
Operating Free Air Temperature
TA
-40
85
°C
Operating Junction Temperature
TJ
-40
125
°C
1)
For best performance, use an inductor with a saturation current rating higher than the maximum VBAT load requirement plus the
inductor current ripple.
2)
For best performance, use a low ESR ceramic capacitor.
3)
For best performance, use a low ESR ceramic capacitor. If CIN is not a low ESR ceramic capacitor, add a 0.1µF ceramic capacitor in
parallel to CIN.
1.4.
Electrical Characteristics
Electrical characteristics TJ = -40°C to 125°C, VIN = 5.3V, (unless otherwise noted)
Table 1.4
Electrical Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
VIN Supply Voltage
Photovoltaic Voltage Input
VIN
4
5.3
7.2
V
Quiescent Current
Normal Mode
ICC-NORM
ILOAD = 0A, no switching
EN
≥ 2.2V (HIGH)
3
mA
Quiescent Current
Disabled Mode
ICC-DISABLE
EN = 0V
10
50
µA
VBAT Leakage
Leakage Current From
Battery
IBAT-LEAK
EN = 0V, VVBAT = 4.1V
10
µA
Reverse Current
IBAT-BACK
VVBAT> VIN, VVBAT = 4.1V,
Tj < 85°C
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com