Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4521 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4521 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZSPM4521 Datasheet HTML 17Page - Integrated Device Technology ZSPM4521 Datasheet HTML 18Page - Integrated Device Technology ZSPM4521 Datasheet HTML 19Page - Integrated Device Technology ZSPM4521 Datasheet HTML 20Page - Integrated Device Technology ZSPM4521 Datasheet HTML 21Page - Integrated Device Technology ZSPM4521 Datasheet HTML 22Page - Integrated Device Technology ZSPM4521 Datasheet HTML 23Page - Integrated Device Technology ZSPM4521 Datasheet HTML 24Page - Integrated Device Technology ZSPM4521 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
ZSPM4521 Datasheet
© 2016 Integrated Device Technology, Inc.
21
January 27, 2016
Table 2.8
Enable Configuration Register CONFIG_ENABLE—Address 11HEX
Note: The reset value for all of the CONFIG_ENABLE register bits is 0.
DATA BIT
D7
D6
D5
D4
D3
D2
D1
D0
FIELD NAME
Not used
Not used
Not used
Not used
Not used
Not used
Not used
EN_CFG
READ/WRITE
R
R
R
R
R
R
R
R/W
FIELD NAME
BIT DEFINITION
EN_CFG
Enable-access control bit for configuration registers CONFIG1 through CONFIG5
(addresses 02HEX to 06HEX)
0BIN – Disable access
1BIN – Enable access
Table 2.9
EEPROM Control Register EEPROM_CTRL—Address 12HEX
Note: The reset value for all of the EEPROM_CTRL register bits is 0.
DATA BIT
D7
D6
D5
D4
D3
D2
D1
D0
FIELD NAME
Not used
Not used
Not used
Not used
Not used
Not used
Not used
EE_PROG
READ/WRITE
R
R
R
R
R
R
R
R/W
FIELD NAME
BIT DEFINITION
EE_PROG
1)
EEPROM program control bit for configuration registers CONFIG1 through CONFIG5
(addresses 02HEX to 06HEX)
0BIN –
Disable EEPROM programming
1BIN –
Enable EEPROM programming with data from configuration registers
CONFIG1 through CONFIG5 (addresses 02HEX to 06HEX)
1)
EE_PROG Note: Inputs VIN and EN must be present for 200ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com