Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4521 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4521 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ZSPM4521 Datasheet HTML 9Page - Integrated Device Technology ZSPM4521 Datasheet HTML 10Page - Integrated Device Technology ZSPM4521 Datasheet HTML 11Page - Integrated Device Technology ZSPM4521 Datasheet HTML 12Page - Integrated Device Technology ZSPM4521 Datasheet HTML 13Page - Integrated Device Technology ZSPM4521 Datasheet HTML 14Page - Integrated Device Technology ZSPM4521 Datasheet HTML 15Page - Integrated Device Technology ZSPM4521 Datasheet HTML 16Page - Integrated Device Technology ZSPM4521 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ZSPM4521 Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 27, 2016
2.2.
Fault Handling
2.2.1.
NFLT Pin Functionality
In the event of a battery over-voltage, the battery temperature being outside of the safe charging range, or the full
charge timer expiring, charging stops and the NFLT pin is pulled low. When the fault condition is no longer
present, the device will enter the INITIALIZE state (see Figure 2.2), but the NFLT pin will remain low until the
STATUS register (00HEX) is read (see Table 2.2). When the STATUS register is read, the NFLT pin will go high
until a new fault is detected.
2.2.2.
Other Faults
When an open thermistor, thermal shutdown, VIN under-voltage, or top-off time-out are detected, charging
immediately stops and the corresponding bit in the STATUS register (00HEX) is set. The device will enter the
INITIALIZE state until the fault is no longer detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com