Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4521 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4521 Datasheet(HTML) 5 Page - Integrated Device Technology

  ZSPM4521 Datasheet HTML 1Page - Integrated Device Technology ZSPM4521 Datasheet HTML 2Page - Integrated Device Technology ZSPM4521 Datasheet HTML 3Page - Integrated Device Technology ZSPM4521 Datasheet HTML 4Page - Integrated Device Technology ZSPM4521 Datasheet HTML 5Page - Integrated Device Technology ZSPM4521 Datasheet HTML 6Page - Integrated Device Technology ZSPM4521 Datasheet HTML 7Page - Integrated Device Technology ZSPM4521 Datasheet HTML 8Page - Integrated Device Technology ZSPM4521 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ZSPM4521 Datasheet
© 2016 Integrated Device Technology, Inc.
5
January 27, 2016
1
ZSPM4521 Characteristics
Important: Stresses beyond those listed under “Absolute Maximum Ratings” (section 1.1) may cause permanent
damage to the device. These are stress ratings only, and functional operation of the device at these or any other
conditions beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to
absolute–maximum–rated conditions for extended periods may affect device reliability.
1.1.
Absolute Maximum Ratings
Over operating free–air temperature range unless otherwise noted.
Table 1.1
Absolute Maximum Ratings
Parameter
Value
1)
Unit
VIN, EN, NFLT, SCL, SDA, VTHERM, VTH_REF, VBAT, VSENSE
-0.3 to 8
V
SW
-1 to 8.8
V
VDD
-0.3 to 3.6
V
Operating Junction Temperature Range, TJ
-40 to 125
°C
Storage Temperature Range, TSTOR
-65 to 150
°C
Electrostatic Discharge – Human Body Model
2)
±2k
V
Electrostatic Discharge – Machine Model
2)
+/-200
V
Lead Temperature (soldering, 10 seconds)
260
°C
1)
All voltage values are with respect to network ground terminal.
2)
ESD testing is performed according to the respective JESD22 JEDEC standard.
1.2.
Thermal Characteristics
Table 1.2
Thermal Characteristics
Parameter
Symbol
Value
1)
Unit
Thermal Resistance Junction to Air
1)
θ
JA
50
°C/W
1)
Assumes a 4x4mm QFN-16 in 1 in
2 area of 2 oz. copper and 25°C ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com