Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4521 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4521 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ZSPM4521 Datasheet HTML 3Page - Integrated Device Technology ZSPM4521 Datasheet HTML 4Page - Integrated Device Technology ZSPM4521 Datasheet HTML 5Page - Integrated Device Technology ZSPM4521 Datasheet HTML 6Page - Integrated Device Technology ZSPM4521 Datasheet HTML 7Page - Integrated Device Technology ZSPM4521 Datasheet HTML 8Page - Integrated Device Technology ZSPM4521 Datasheet HTML 9Page - Integrated Device Technology ZSPM4521 Datasheet HTML 10Page - Integrated Device Technology ZSPM4521 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ZSPM4521 Datasheet
© 2016 Integrated Device Technology, Inc.
7
January 27, 2016
Parameter
Symbol
Condition
Min
Typ
Max
Unit
VIN Under-Voltage Lockout
Input Supply Under-Voltage
Threshold
VIN-UV
VIN increasing
3.15
V
Input Supply Under-Voltage
Threshold Hysteresis
VIN-UV_HYST
100
200
mV
OSC
Oscillator Frequency
fOSC
0.9
1
1.1
MHz
NFLT Open Drain Output
High-Level Output Leakage
IOH-NFLT
VNFLT = 5.3V
0.1
µA
Low-Level Output Voltage
VOL-NFLT
INFLT = -1mA
0.4
V
EN/SCL/SDA Input Voltage Thresholds
High Level Input Voltage
VIH
2.2
V
Low Level Input Voltage
VIL
0.8
V
Input Hysteresis– EN, SCL,
SDA Pins
VHYST
200
mV
Input Leakage – EN Pin
IIN-EN
VEN=VIN
0.1
µA
VEN=0V
-2.0
µA
Input Leakage – SCL Pin
IIN-SCL
VSCL=VIN
55
µA
VSCL=0V
-0.1
µA
Input Leakage – SDA Pin
IIN-SDA
VSDA=VIN
0.1
µA
VSDA=0V
-0.1
µA
Low-Level Output Voltage
VOL-SDA
ISDA = -1mA
0.4
V
Thermal Shutdown
Thermal Shutdown Junction
Temperature
TSD
150
170
°C
TSD Hysteresis
TSD-HYST
10
°C
Pre-Charge End
Pre-charge Voltage
Threshold
VPRECHG
2.9
3.0
3.1
V
Pre-charge Voltage
Hysteresis
VPC-HYST
70
mV
Charge Restart
Voltage Below Termination
for Charging Restart
VRESTART
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com