Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4521 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4521 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZSPM4521 Datasheet HTML 6Page - Integrated Device Technology ZSPM4521 Datasheet HTML 7Page - Integrated Device Technology ZSPM4521 Datasheet HTML 8Page - Integrated Device Technology ZSPM4521 Datasheet HTML 9Page - Integrated Device Technology ZSPM4521 Datasheet HTML 10Page - Integrated Device Technology ZSPM4521 Datasheet HTML 11Page - Integrated Device Technology ZSPM4521 Datasheet HTML 12Page - Integrated Device Technology ZSPM4521 Datasheet HTML 13Page - Integrated Device Technology ZSPM4521 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ZSPM4521 Datasheet
© 2016 Integrated Device Technology, Inc.
10
January 27, 2016
1.5.
I
2C™ Interface Timing Requirements
Electrical characteristics TJ = -40°C to 125°C, VIN = 5.3V. See Figure 2.5 for an illustration of the timing specifica-
tions given in Table 1.5.
Table 1.5
I
2C™ Interface Timing Characteristics
Parameter
Symbol
Standard Mode
Fast Mode
1)
Unit
Min
Max
Min
Max
I
2C™ Clock Frequency
fscl
0
100
0
400
kHz
I
2C™ Clock High Time
tsch
4
0.6
µs
I
2C™ Clock Low Time
tscl
4.7
1.3
µs
I
2C™ Tolerable Spike Time 2)
tsp
0
50
0
50
ns
I
2C™ Serial Data Setup Time
tsds
250
250
ns
I
2C™ Serial Data Hold Time
tsdh
0
0
µs
I
2C™ Input Rise Time 2)
ticr
1000
300
ns
I
2C™ Input Fall Time 2)
ticf
300
300
ns
I
2C™ Output Fall Time; 10pF to
400pF Bus
2)
tocf
300
300
ns
I
2C™ Bus Free Time Between Stop
and Start
tbuf
4.7
1.3
µs
I
2C™ Start or Repeated Start Condition
Setup Time
tsts
4.7
0.6
µs
I
2C™ Start or Repeated Start Condition
Hold Time
tsth
4
0.6
µs
I
2C™ Stop Condition Setup Time 2)
tsps
4
0.6
µs
1)
The I²C™ interface will operate in either standard or fast mode.
2)
Parameter not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com