Electronic Components Datasheet Search
  English  ▼

X  

HMC704LP4E Datasheet(PDF) 16 Page - Analog Devices

Part # HMC704LP4E
Description  8 GHZ FRACTIONAL-N PLL
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC704LP4E Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC704LP4E Datasheet HTML 12Page - Analog Devices HMC704LP4E Datasheet HTML 13Page - Analog Devices HMC704LP4E Datasheet HTML 14Page - Analog Devices HMC704LP4E Datasheet HTML 15Page - Analog Devices HMC704LP4E Datasheet HTML 16Page - Analog Devices HMC704LP4E Datasheet HTML 17Page - Analog Devices HMC704LP4E Datasheet HTML 18Page - Analog Devices HMC704LP4E Datasheet HTML 19Page - Analog Devices HMC704LP4E Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
5 - 16
HMC704LP4E
v04.0215
8 GHZ FRACTIONAL-N PLL
For price, delivery and to place orders: Analog Devices, Inc., One Technology Way, Norwood, MA 02062
978-250-3343 tel • 978-250-3373 fax • Order online at www.analog.com/hittitemw
Application support: Phone: 978-250-3343 or RFMG-apps@analog.com
It should be noted that actual phase noise near the corner frequency of the loop bandwidth is affected by loop parame-
ters and one should use a more complete design tool such as Hittite PLL Design for better estimates of the phase noise
performance. Noise models for each of the components in Hittite PLL Design can be derived from the FOM equations
or can be provided by Hittite applications engineering.
Spurious Performance
Integer Operation
The VCO always operates at an integer multiple of the PD frequency in an integer PLL. In general spurious signals
originating from an integer PLL can only occur at multiples of the PD frequency. These unwanted outputs are often sim-
ply referred to as reference sidebands.
spurs unrelated to the reference frequency must originate from outside sources. External spurious sources can modu-
late the VCO indirectly through power supplies, ground, or output ports, or bypass the loop filter due to poor isolation of
the filter. It can also simply add to the output of the PLL.
The HMC704LP4E has been designed and tested for ultra-low spurious performance. Reference spurious levels are
typically below -100 dBc with a well designed board layout. A regulator with low noise and high power supply rejection,
such as the HMC860LP3E, is recommended to minimize external spurious sources.
Reference spurious levels of below -100 dBc require superb board isolation of power supplies, isolation of the VCO
from the digital switching of the PLL and isolation of the VCO load from the PLL. Typical board layout, regulator design,
demo boards and application information are available for very low spurious operation. Operation with lower levels of
isolation in the application circuit board, from those recommended by Hittite, can result in higher spurious levels.
Of course, if the application environment contains other interfering frequencies unrelated to the PD frequency, and if
the application isolation from the board layout and regulation are insufficient, then the unwanted interfering frequencies
will mix with the desired PLL output and cause additional spurs. The level of these spurs is dependant upon isolation
and supply regulation or rejection (PsRR).
Fractional Operation
Unlike an integer PLL, spurious signals in a fractional PLL can occur due to the fact that the VCO operates at frequen-
cies unrelated to the PD frequency. Hence intermodulation of the VCO and the PD harmonics can cause spurious side-
bands. spurious emissions are largest when the VCO operates very close to an integer multiple of the PD. When the
VCO operates exactly at a harmonic of the PD then, no in-close mixing products are present.
Interference is always present at multiples of the PD frequency, fpd, and the VCO frequency, fvco. If the fractional mode
of operation is used, the difference, Δ, between the VCO frequency and the nearest harmonic of the reference, will cre-
ate what are referred to as integer boundary spurs. Depending upon the mode of operation of the PLL, higher order,
lower power spurs may also occur at multiples of integer fractions (sub-harmonics) of the PD frequency. That is, frac-
tional VCO frequencies which are near nfpd + fpdd/m, where n, d and m are all integers and d<m (mathematicians refer
to d/m as a rational number). We will refer to fpdd/m as an integer fraction. The denominator, m, is the order of the spuri-
ous product. Higher values of m produce smaller amplitude spurious at offsets of mΔ and usually when m>4 spurs are
very small or unmeasurable.
The worst case, in fractional mode, is when d=0, and the VCO frequency is offset from nfpd by less than the loop band-
width. This is the “in-band fractional boundary” case.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com