Electronic Components Datasheet Search
  English  ▼

X  

HMC704LP4E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC704LP4E
Description  8 GHZ FRACTIONAL-N PLL
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC704LP4E Datasheet(HTML) 2 Page - Analog Devices

  HMC704LP4E Datasheet HTML 1Page - Analog Devices HMC704LP4E Datasheet HTML 2Page - Analog Devices HMC704LP4E Datasheet HTML 3Page - Analog Devices HMC704LP4E Datasheet HTML 4Page - Analog Devices HMC704LP4E Datasheet HTML 5Page - Analog Devices HMC704LP4E Datasheet HTML 6Page - Analog Devices HMC704LP4E Datasheet HTML 7Page - Analog Devices HMC704LP4E Datasheet HTML 8Page - Analog Devices HMC704LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
5 - 2
HMC704LP4E
v04.0215
8 GHZ FRACTIONAL-N PLL
For price, delivery and to place orders: Analog Devices, Inc., One Technology Way, Norwood, MA 02062
978-250-3343 tel • 978-250-3373 fax • Order online at www.analog.com/hittitemw
Application support: Phone: 978-250-3343 or RFMG-apps@analog.com
Table 1. Electrical Specifications
VDDCP, VPPCP = 5V+/-4%; RVDD, AVDD, DVDD, VDDPD, VCCPs = 3.3V +/-10%; AGND = DGND = 0V
Parameter
Conditions
Min.
Typ.
Max.
Units
RF INPUT CHARACTERIsTICs
[6][7]
RF Input Frequency Range
[1]
DC
8000
MHz
Prescaler Input Freq Range
[1]
DC
4000
MHz
Power Range
[13]
-15
-7
-3
dBm
Impedance
100 Ohms each leg||3pF
100||3
Ohms||pF
REF INPUT CHARACTERIsTICs
Frequency Range (3.3V)
[1][8]
DC
50
350
MHz
Power from 50Ohm source
[12]
6
dBm
Impedance
100||3
Ohms||pF
Ref Divider Range (14 bit)
1
16,383
PHAsE DETECTOR RATE
[1][12]
Integer Mode
DC
50
115
MHz
Fractional Mode A
DC
50
80
MHz
Fractional Mode B
DC
50
100
MHz
CHARGE PUMP
Output Current
20uA steps
0.02
2.5
mA
POWER sUPPLIEs
RVDD, AVDD, VCCPs, VCCHF, VCCPD
- Analog supply
All should be equal
3.0
3.3
3.5
V
DVDD - Digital supply
3.0
3.3
3.5
V
VDDLs, VPPCP Charge Pump
VDDLs, VPPCP must be
equal
3.0
5.0
5.2
V
3.3V - Current consumption
[9]
38
52
58
mA
5V - Current consumption
All Modes
2
6
7
mA
Power Down Current
[10]
100
uA
BIAs Reference Voltage
Pin 12. Measured with
10GOhm Meter
1.880
1.920
1.960
V
PHAsE NOIsE
Flicker Figure of Merit (FOM)[2]
-266
dBc/Hz
Floor Figure of Merit [11]
Integer HiK Mode
Integer Normal Mode
Fractional HiK Mode [3]
Fractional Normal Mode [3]
-236
-232
-232
-228
-233
-230
-230
-227
-231
-228
-227
-225
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Flicker Noise at foffset
PNflick = Flicker FOM +20log(fvco) -10log(foffset)
dBc/Hz
Phase Noise Floor at fvco with fpd
PNfloor = Floor FOM + 10log(fpd) +20log(fvco/fpd)
dBc/Hz
Total Phase Noise vs foffset, fvco, fpd
PN = 10log(10(PNflick /10) + 10(PNfloor /10) )
dBc/Hz
Jitter
ssB 100Hz to 50kHz
50
fs
sPURIOUs
[4][5]
Integer Boundary spurs @~8GHz
offsets less than loop band-
width, fpd = 50MHz
-60
-52
dBc
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com