Electronic Components Datasheet Search
  English  ▼

X  

HMC704LP4E Datasheet(PDF) 24 Page - Analog Devices

Part # HMC704LP4E
Description  8 GHZ FRACTIONAL-N PLL
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC704LP4E Datasheet(HTML) 24 Page - Analog Devices

Back Button HMC704LP4E Datasheet HTML 20Page - Analog Devices HMC704LP4E Datasheet HTML 21Page - Analog Devices HMC704LP4E Datasheet HTML 22Page - Analog Devices HMC704LP4E Datasheet HTML 23Page - Analog Devices HMC704LP4E Datasheet HTML 24Page - Analog Devices HMC704LP4E Datasheet HTML 25Page - Analog Devices HMC704LP4E Datasheet HTML 26Page - Analog Devices HMC704LP4E Datasheet HTML 27Page - Analog Devices HMC704LP4E Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
5 - 24
HMC704LP4E
v04.0215
8 GHZ FRACTIONAL-N PLL
For price, delivery and to place orders: Analog Devices, Inc., One Technology Way, Norwood, MA 02062
978-250-3343 tel • 978-250-3373 fax • Order online at www.analog.com/hittitemw
Application support: Phone: 978-250-3343 or RFMG-apps@analog.com
The Lock Detect window must be longer than 4 ns + 1.5 ns (5.5 ns) and shorter than the period of the PD, in this exam-
p
l
e
,
20 ns. A perfect Lock Detect window would be midway between these two values, or 12.75 ns.
Tolerance on the window is +25% at +85 C, -25% at -40 C. Here 12.8 ns nominal window may extend by +25% at +85C
to 16 ns, which is fine for a PD period of 20 ns. Also the minimum window may shrink by 25% to 9.6ns at -40C, which
again works well for the DC offset of 5.5 ns.
There is always a good solution for the lock detect window for a given operating point. The user should understand
however that one solution does not fit all operating points. If charge pump offset or PD frequency are changed signifi-
cantly then the lock detect window may need to be adjusted.
Cycle Slip Prevention (CSP)
When changing frequency and the VCO is not yet locked to the reference, the instantaneous frequencies of the two PD
inputs are different, and the phase difference of the two inputs at the PD varies rapidly over a range much greater than
+/-2π radians. since the gain of the PD varies linearly with phase up to +/-2π, the gain of a conventional PD will cycle
from high gain, when the phase difference approaches a multiple of 2π, to low gain, when the phase difference is
slightly larger than 0 radians. The output current from the charge pump will cycle from maximum to minimum even
though the VCO has not yet reached its final frequency.
The charge on the loop filter small cap may actually discharge slightly during the low gain portion of the cycle. This can
make the VCO frequency actually reverse temporarily during locking. This phenomenon is known as cycle slipping.
Cycle slipping causes the pull-in rate during the locking phase to vary cyclically. Cycle slipping increases the time to
lock to a value much greater than that predicted by normal small signal Laplace analysis.
The PLL PD features an ability to reduce cycle slipping during acquisition. The Cycle slip Prevention (CsP) feature in-
creases the PD gain during large phase errors. The specific phase error that triggers the momentary increase in PD
gain is set via “Reg 0Bh”[8:7].
PD Polarity
Ref at PD
VCO at PD
LD WINDOW
PD Period 20ns
VCO Offset 4ns
LD Window 12.8 ns+/-25%
+Window Margin
-Window Margin
Figure 33. Lock Detect Window Example with 50MHz PD and 4ns VCO Offset
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com