Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DB Datasheet(PDF) 134 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 134 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 129Page - Cypress Semiconductor MB91F467DB Datasheet HTML 130Page - Cypress Semiconductor MB91F467DB Datasheet HTML 131Page - Cypress Semiconductor MB91F467DB Datasheet HTML 132Page - Cypress Semiconductor MB91F467DB Datasheet HTML 133Page - Cypress Semiconductor MB91F467DB Datasheet HTML 134Page - Cypress Semiconductor MB91F467DB Datasheet HTML 135Page - Cypress Semiconductor MB91F467DB Datasheet HTML 136Page - Cypress Semiconductor MB91F467DB Datasheet HTML 137Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 134 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 134 of 137
MB91460D Series
18. Revision History
Spansion Publication Number: DS07-16612-2E
Version
Date
Remark
2.0
2007-09-04
Initial version
2.1
2007-10-08
Revision history table added
Fixed PDF generation problem before section “AD converter characteristics”
Absolute maximum ratings:
Smoothing capacitor size at VCC18C changed to “typ 4.7uF”
Output voltage 2 is max. VDD35
Recommended operating conditions: Power supply slew rate fixed
Exchanged the sequence of device names into
“MB91F465DA, MB91F467DA” where they appeare on one line
2.2
2007-10-16
Moved revision history to the end of file
Features: Added Clock Monitor
Corrected VCC18C pin number in table “Power supply/Ground pins” pg.14
Electrical characteristics: Added section
7.FLASH memory program/erase characteristics
2.3
2007-10-22
DC characterisitcs: Corrected ICCH in STOP + RTC 100kHz mode
and ILV (Icc of low volt detection) max. value
2.4
2007-10-25
FLASH memory program/erase characteristics: Typo fixed in note *1
Recommended operating conditions: Corrected text for smoothing
capacitor at VCC18C pin
Naming inconsistency AVSS / AVSS5 fixed
Features: added Up/Down counter
Product lineup: fixed number of interrupt channels
Handling devices: changed the notes about external clock supply
and removed section “Single phase clock supply”
Clock timing: removed “Single phase clock supply” from freq. table
2.5
2008-1-11
DC characterisitcs: IIL = +/- 3 uA at 105 deg.C
IO CIRCUIT TYPE: Corrected oscillator pin block diagrams
ELECTRICAL CHARACTERISTICS: re-arranged section sequence
Fixed typos in ALARM comparator spec.
Added MB91F467DB (called F467Dx if the text item is for bot revisions)
Corrected IO-MAP according to latest proofread on F460G series
Various corrections after proofread by FJ
2.6
2008-02-04
Added MEMO and DISCLAIMER
2.7
2008-02-18
AC-Characteristics: Replaced “rising”/”falling” with arrow-up/arrow-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com