Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DB Datasheet(PDF) 135 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 135 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 129Page - Cypress Semiconductor MB91F467DB Datasheet HTML 130Page - Cypress Semiconductor MB91F467DB Datasheet HTML 131Page - Cypress Semiconductor MB91F467DB Datasheet HTML 132Page - Cypress Semiconductor MB91F467DB Datasheet HTML 133Page - Cypress Semiconductor MB91F467DB Datasheet HTML 134Page - Cypress Semiconductor MB91F467DB Datasheet HTML 135Page - Cypress Semiconductor MB91F467DB Datasheet HTML 136Page - Cypress Semiconductor MB91F467DB Datasheet HTML 137Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 135 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 135 of 137
MB91460D Series
NOTE: Please see “Document History” about later revised information.
2.8
2008-06-20
Corrected missing bullets on PDF pages 2+3
Pin Assignment, Block Diagram:
Corrected naming and assignments of TTG inputs, SGO and DACKX0
Notes on PS register: Re-formatted for better understanding
ADC Characteristics: Offset between ADC channels is max. 4 LSB
DC Characteristics: Added ILVI (ICC of internal low voltage detection),
renamed ILV into ILVE (for external low voltage detection)
AC Characteristics for external bus: Added notes that the usage of external
feedback MCLKO --> MCLKI is not recommended.
Flash parallel programming mode:
Added notes about the pins to be set fix-0 / fix-1 (MD_2:0,...)
Added section about the wait times after power on
Flash operation modes:
Added note about the BootROM fuction entry address for operation
mode switch.
Package Dimension: Updated package drawing
All pages: Corrected typos and formatting bugs found by FJ proofread
2.9
2008-06-30
EMBEDDED PROGRAM/DATA MEMORY (FLASH): Corrected "The operation mode of the
flash memory ..." instead of "of the MCU"
2.10
2008-08-04
Resources,Product lineup: Added Supply Supervisor (Low voltage detection)
DC Characteristics: Updated pull-up/pull-down resistance values,
updated and re-numbered the table footnotes
2.11
2008-08-18
Interrupt Vector Table: corrected the footnotes
Flash Security: Corrected the sector assignments of FSV1/FSV2 bits
Electrical Characteristics: removed the note that analog input/output
pins cannot accept +B signal input.
Ordering information: updated the part numbers
All pages: Kilobytes are now written with "K"
Version
Date
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com