Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 33 Page - Integrated Device Technology

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100 Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button ZAMC4100 Datasheet HTML 29Page - Integrated Device Technology ZAMC4100 Datasheet HTML 30Page - Integrated Device Technology ZAMC4100 Datasheet HTML 31Page - Integrated Device Technology ZAMC4100 Datasheet HTML 32Page - Integrated Device Technology ZAMC4100 Datasheet HTML 33Page - Integrated Device Technology ZAMC4100 Datasheet HTML 34Page - Integrated Device Technology ZAMC4100 Datasheet HTML 35Page - Integrated Device Technology ZAMC4100 Datasheet HTML 36Page - Integrated Device Technology ZAMC4100 Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
33
January 26, 2016
3
ZAMC4100 SBC Functional Description
This section describes the functionality of the system with respect to the modes of operation - SBC analog
peripherals including the transistor drivers, analog-to-digital converter (ADC), LIN interface, interrupt sources, SPI
interface, etc.
3.1.
System Power-Up Sequence
After powering up, ZAMC4100 enters the NORMAL operation mode executing the sequence shown in Figure 3.1.
Figure 3.1 SBC Power-Up State Diagram
Power supply
Sys. Reset
Yes
No
No
No
Yes
1) Enable MCU clock
2) Release MCU reset
Enable SBC
NORMAL Mode
TPWRT?
MCU SW initialization
MCU application
routine execution
POR
generated
MCU SUPPLY ON
SBC
MCU
MCU supply
valid?
No
Yes
SLEEP Mode
entry
Yes
TMSC?
SW diagnostic check:
1) SBC-to-MCU
connectivity check
2) ADC check
3) Output drivers check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com